Electronic Components Datasheet Search
  English  ▼

X  

MPC5676R Datasheet(PDF) 39 Page - NXP Semiconductors

Part # MPC5676R
Description  MPC5676R Microcontroller Data Sheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5676R Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button MPC5676R Datasheet HTML 35Page - NXP Semiconductors MPC5676R Datasheet HTML 36Page - NXP Semiconductors MPC5676R Datasheet HTML 37Page - NXP Semiconductors MPC5676R Datasheet HTML 38Page - NXP Semiconductors MPC5676R Datasheet HTML 39Page - NXP Semiconductors MPC5676R Datasheet HTML 40Page - NXP Semiconductors MPC5676R Datasheet HTML 41Page - NXP Semiconductors MPC5676R Datasheet HTML 42Page - NXP Semiconductors MPC5676R Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 111 page
background image
Electrical Characteristics
MPC5676R Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
39
Figure 14. JTAG Boundary Scan Timing
4.12.4
Nexus Timing
Table 33. Nexus Debug Port Timing1
Spec
Characteristic
Symbol
Min
Max
Unit
1
MCKO Cycle Time
tMCYC
22
8tCYC
2
MCKO Duty Cycle
tMDC
40
60
%
3
MCKO Low to MDO Data Valid3
tMDOV
–0.1
0.2
tMCYC
4
MCKO Low to MSEO Data Valid3
tMSEOV
–0.1
0.2
tMCYC
5
MCKO Low to EVTO Data Valid3
tEVTOV
–0.1
0.2
tMCYC
6
EVTI Pulse Width
tEVTIPW
4.0
—
tTCYC
7
EVTO Pulse Width
tEVTOPW
1—
tMCYC
8
TCK Cycle Time
tTCYC
44
—tCYC
9
TCK Duty Cycle
tTDC
40
60
%
10
TDI, TMS Data Setup Time
tNTDIS, tNTMSS
8—
ns
TCK
Output
Signals
Input
Signals
Output
Signals
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com