Electronic Components Datasheet Search
  English  ▼

X  

MPC5676R Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC5676R
Description  MPC5676R Microcontroller Data Sheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5676R Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC5676R Datasheet HTML 9Page - NXP Semiconductors MPC5676R Datasheet HTML 10Page - NXP Semiconductors MPC5676R Datasheet HTML 11Page - NXP Semiconductors MPC5676R Datasheet HTML 12Page - NXP Semiconductors MPC5676R Datasheet HTML 13Page - NXP Semiconductors MPC5676R Datasheet HTML 14Page - NXP Semiconductors MPC5676R Datasheet HTML 15Page - NXP Semiconductors MPC5676R Datasheet HTML 16Page - NXP Semiconductors MPC5676R Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 111 page
background image
Electrical Characteristics
MPC5676R Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
13
1c
Bandgap reference voltage /
temperature dependence after
power on reset
—
—
—
300
—
ppm/C
1d
Bandgap reference voltage /
voltage dependence (VDDREG)
after power on reset
——
—
1500
—
2
Nominal VRC regulated 1.2V
output VDD1
VDD12OUT
——
1.2
—
V
2a
VRC 1.2V output variation at
reset (unloaded)2
—At POR
VDD12OUT –8% VDD12OUT VDD12OUT +10%
2b
VRC 1.2V output variation after
reset(REGCTL load max.
20mA, VDD load max. 1A)
—After POR
VDD12OUT –5% VDD12OUT VDD12OUT +10%
2c
Trimming step Vdd1p2
VSTEPV12
——
10
—
mV
3
POR rising VDD 1.2V
VPORC
—-
0.7
—
V
3a
POR VDD 1.2V variation
—
—
VPORC –30%
VPORC
VPORC +30%
3b
POR 1.2V hysteresis
—
—
—
75
—
mV
4
Nominal rising LVD 1.2V3
VLVD12
——
1.100
—
V
4a
LVD 1.2V variation before band
gap trim4
—At POR
VLVD12 –6%
VLVD12
VLVD12 +6%
4b
LVD 1.2V variation after band
gap trim4
—After POR
VLVD12 –3%
VLVD12
VLVD12 +3%
4c
LVD 1.2V Hysteresis
—
—
15
20
25
mV
4d
Trimming step LVD 1.2V
VLVDSTEP12
——
10
—
mV
5
VRC 1.2V max DC output
current
IREGCTL
——
—
20
mA
6
Voltage regulator 1.2V current
consumption VDDREG
——
—
3
—
mA
7
Nominal Vreg 3.3V output5
VDD33OUT
——
3.3
—
V
7a
Vreg 3.3V output variation at
reset (unloaded)6
—At POR
VDD33OUT –6% VDD33OUT VDD33OUT +10%
7b
Vreg 3.3V output variation after
reset (max. load 60mA)
—After POR
VDD33OUT –5% VDD33OUT VDD33OUT +10%
7c
Trimming step VDDSYN
VSTEPV33
——
30
—
mV
8
Nominal rising LVD 3.3V7
VLVD33
——
2.950
—
V
8a
LVD 3.3V variation before band
gap trim6
—At POR
VLVD33 –5%
VLVD33
VLVD33 +5%
8b
LVD 3.3V variation after bad gap
trim6
—After POR
VLVD33 –3%
VLVD33
VLVD33 +3%
Table 8. PMC Electrical Specifications
Spec
Name
Symbol
Condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com