Electronic Components Datasheet Search
  English  ▼

X  

MPC5676R Datasheet(PDF) 21 Page - NXP Semiconductors

Part # MPC5676R
Description  MPC5676R Microcontroller Data Sheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5676R Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button MPC5676R Datasheet HTML 17Page - NXP Semiconductors MPC5676R Datasheet HTML 18Page - NXP Semiconductors MPC5676R Datasheet HTML 19Page - NXP Semiconductors MPC5676R Datasheet HTML 20Page - NXP Semiconductors MPC5676R Datasheet HTML 21Page - NXP Semiconductors MPC5676R Datasheet HTML 22Page - NXP Semiconductors MPC5676R Datasheet HTML 23Page - NXP Semiconductors MPC5676R Datasheet HTML 24Page - NXP Semiconductors MPC5676R Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
Electrical Characteristics
MPC5676R Microcontroller Data Sheet, Rev. 4
Freescale Semiconductor
21
27
Operating Current VDDE/VDDEH
23 Supplies
VDDE2
VDDEH1
VDDEH3
VDDEH4
VDDEH5
VDDEH6
VDDEH7
IDD2
IDD1
IDD3
IDD4
IDD5
IDD6
IDD7
—
—
—
—
—
—
—
note23
mA
mA
mA
mA
mA
mA
mA
28
Fast I/O Weak Pull Up/Down Current24
3.0 V–3.6 V
IACT_F
42
158
A
29
Medium I/O Weak Pull Up/Down Current25
3.0 V–3.6 V
4.5 V–5.5 V
IACT_S
15
35
95
200
A
A
30
I/O Input Leakage Current26
IINACT_D
–2.5
2.5
A
31
DC Injection Current (per pin)
IIC
–1.0
1.0
mA
32
Analog Input Current, Channel Off27, AN[0:7], AN38,
AN39
Analog Input Current, Channel Off, all other analog
inputs AN[x] = -/+ 150nA
IINACT_A
–250
–150
250
150
nA
nA
33
VSS Differential Voltage
VSS –VSSA
–100
100
mV
34
Analog Reference Low Voltage
VRL
VSSA
VSSA +100
mV
35
VRL Differential Voltage
VRL –VSSA
–100
100
mV
36
Analog Reference High Voltage
VRH
VDDA –100
VDDA
mV
37
VREF Differential Voltage
VRH –VRL
4.75
5.25
V
38
VSSSYN to VSS Differential Voltage
VSSSYN –VSS
–100
100
mV
39
Operating Temperature Range—Ambient (Packaged)
TA (TL to TH)
–40.0
125.0
C
40
Slew rate on power supply pins
—
—
25
V/ms
41
Weak Pull-Up/Down Resistance28,29 200 k
 Option
RPUPD200K
130
280
k
42
Weak Pull-Up/Down Resistance28,29 100 k
 Option
RPUPD100K
65
140
k
43
Weak Pull-Up/Down Resistance28 (5 k
 Option)
5 V ± 10% supply
3.3 V ± 10% supply
RPUPD5K
1.4
1.7
5.2
7.7
k
44
Pull-Up/Down Resistance Matching Ratios
(100K/200K)
(Pull-up and pull-down resistances both enabled and
settings are equal)
RPUPDMATCH
–2.5
2.5
%
1 These specifications are design targets and subject to change per device characterization.
2 Voltage overshoots during a high-to-low or low-to-high transition must not exceed 10 seconds per instance.
3 2.0 V for 10 hours cumulative time, 1.2 V +10% for time remaining.
Table 13. DC Electrical Specifications1 (continued)
Spec
Characteristic
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com