Electronic Components Datasheet Search
  English  ▼

X  

MPC5676R Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPC5676R
Description  MPC5676R Microcontroller Data Sheet
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5676R Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPC5676R Datasheet HTML 42Page - NXP Semiconductors MPC5676R Datasheet HTML 43Page - NXP Semiconductors MPC5676R Datasheet HTML 44Page - NXP Semiconductors MPC5676R Datasheet HTML 45Page - NXP Semiconductors MPC5676R Datasheet HTML 46Page - NXP Semiconductors MPC5676R Datasheet HTML 47Page - NXP Semiconductors MPC5676R Datasheet HTML 48Page - NXP Semiconductors MPC5676R Datasheet HTML 49Page - NXP Semiconductors MPC5676R Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
MPC5676R Microcontroller Data Sheet, Rev. 4
Electrical Characteristics
Freescale Semiconductor
46
4.12.6
External Interrupt Timing (IRQ Pin)
Figure 21. External Interrupt Timing
4.12.7
eTPU Timing
Table 35. External Interrupt Timing1
1 IRQ timing specified at V
DD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL
to TH.
Spec
Characteristic
Symbol
Min
Max
Unit
1
IRQ Pulse Width Low
tIPWL
3—
tcyc
2
2 See Notes on t
cyc Table 28.
2
IRQ Pulse Width High
tIPWH
3—
tcyc
2
3
IRQ Edge to Edge Time3
3 Applies when IRQ pins are configured for rising edge or falling edge events, but not both.
tICYC
6—
tcyc
2
Table 36. eTPU Timing1
1 eTPU timing specified at V
DD = 1.08 V to 1.32 V, VDDEH = 3.0 V to 5.5 V, VDD33 and VDDSYN = 3.0 V to 3.6 V, TA =TL to TH,
and CL = 200 pF with SRC = 0b00.
Spec
Characteristic
Symbol
Min
Max
Unit
1
eTPU Input Channel Pulse Width
tICPW
4—
tcyc
2
2 See Notes on t
cyc Table 28.
2
eTPU Output Channel Pulse Width
tOCPW
13
3 This specification does not include the rise and fall times. When calculating the minimum eTPU pulse width, include the rise
and fall times defined in the slew rate control fields (SRC) of the pad configuration registers (PCR).
—tcyc
2
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com