Electronic Components Datasheet Search
  English  ▼

X  

BPD1002 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  BPD1002 Datasheet HTML 1Page - Bel Fuse Inc. BPD1002 Datasheet HTML 2Page - Bel Fuse Inc. BPD1002 Datasheet HTML 3Page - Bel Fuse Inc. BPD1002 Datasheet HTML 4Page - Bel Fuse Inc. BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 3 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
Input filter
Input filter
Input filter
1
2
3
Fuse F1(auxiliary circuit)
Bus bar system
Output capacitor (10 mF, each)
Dset T1
Preload (<10 W)
Signal terminal strip X5
Jumper strip X3
Mains input connector X1
Connector H15 for T unit
+
–
Output fuse
Y
Y
L1
L2
L3
N
X4
B30
Y
B20
B10
R33
R34
F31
R23
R24
R25
F21
R13
R14
F11
D31
D21
D11
Decoupling
diode
Fig. 1
Back plane, view from the rear
F
F
F
+
+
+
+
+
+
+
+
+
X1
L1
L2
L3
N
Vo+
Vo–
D set
Sys In
D
i
Sys out
D2
D1
D3
F11
F31
CC C
CC C
CC C
D31
D21
D11
RPT
RPT
RPT
+
+
–
–
Vo+
Vo–
P
N
Y
Y
Y
Vo+ (BUS)
Vo+ (BUS)
Vo+ (BUS)
Sys In 2
Sys In 3
Sys In 1
F21
Vo+
Vo–
D set
Sys In
D
i
Sys out
P
N
Vo+
Vo–
D set
Sys In
D
i
Sys out
P
N
R13
R23
R33
R14
R24
R34
DC-Bus
B10
B20
B30
T unit 1
T unit 2
T unit 3
R25
Fig. 2
Block diagram of back plane
F11, 21, 31 fitted to BPF types. D11, 21, 31 fitted to BPD types.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com