Electronic Components Datasheet Search
  English  ▼

X  

BPD1002 Datasheet(PDF) 6 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 6 Page - Bel Fuse Inc.

Back Button BPD1002 Datasheet HTML 2Page - Bel Fuse Inc. BPD1002 Datasheet HTML 3Page - Bel Fuse Inc. BPD1002 Datasheet HTML 4Page - Bel Fuse Inc. BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. BPD1002 Datasheet HTML 10Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 6 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
X3
X5
F 1
T1A, 250 V
Vo+
Vo–
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
∑D - D1
∑D - D2
∑D - D3
∑D - Si3
∑i - i1
∑i - i2
∑i - i3
Si1 - So2
Si2 - So3
- Si1
- Si2
- Si3
14
13
12
11
10
9
8
7
6
5
4
3
2
1
Vo+
D1
D2
D3
i1/Ucr
i2/Ucr
i3/Ucr
Sys Out 1
Sys Out 2
Sys Out 3
Sys In 1
Sys In 2
Sys In 3
Vo–
05029
Vo–
Fig. 7
Jumper strip (X3), signal meshing
Interface for Remote Signaling and Control
A signal terminal strip (X5) allows interfacing with the custom-
er‘s control system.
Each of the signals can be made available as an individual
signal or as a combined signal.
Table 3: Terminal strip X5
Connector X5
Signal allocation
Description
1
Vo–
Supply Vo-
2
Sys In 3
Sys Good input T3
3
Sys In 2
Sys Good input T2
4
Sys In 1
Sys Good input T1
5
Sys Out 3
Sys Good output T3
6
Sys Out 2
Sys Good output T2
7
Sys Out 1
Sys Good output T1
8
i3/Ucr
Inhibit T3/Ucr
9
i2/Ucr
Inhibit T2/Ucr
10
i1/Ucr
Inhibit T1/Ucr
11
D3
Power Down T3
12
D2
Power Down T2
13
D1
Pwer Down T1
14
Vo+
Supply Vo+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com