Electronic Components Datasheet Search
  English  ▼

X  

BPD1002 Datasheet(PDF) 9 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 9 Page - Bel Fuse Inc.

Back Button BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. BPD1002 Datasheet HTML 10Page - Bel Fuse Inc. BPD1002 Datasheet HTML 11Page - Bel Fuse Inc. BPD1002 Datasheet HTML 12Page - Bel Fuse Inc. BPD1002 Datasheet HTML 13Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 9 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
1
2
5
6
0
300
0.6
0.2
0.4
1.0
100
10
factor y
(Irms bat /Iload)
Rsys [m ]
3
4
Number of LT units:
06037
Battery specification (at 20 °C):
• 24 cells, 2.23 V/cell, float charge voltage 53.5 V
• Permissible ripple current I bat: 0.05 C (5% of battery
capacity)
• Temperature coefficient –3 mV/°C per cell
• Max. discharge current 20 A
• Capacity at –10 °C and 0.2 C discharge: 70%
Calculation of battery size:
Load 20 A, back-up 3 h, ageing loss 20% therefore ageing
factor 0.8, derating factor for temperature and discharge
current 0.7
Qbat [Ah] = I load • t back-up /(fageing • f TAIdischarge)
= 20 [A] • 3 [h] /(0.8 • 0.7) = 107 [Ah]
next closest battery configuration::120 Ah or 95 Ah
Decision: Battery with 95 Ah (Ri: 28 m
Ω)
Calculation of the ripple current:
The ripple current to the battery can either be measured or
calculated. The diagrams allow a good estimation of the rela-
tionship between the ripple current to the battery Irms bat and the
load current I Load of a given system resistance RSys.
The system resistance is the sum of the resistance of the
supply and the AC resistance of the battery.
The AC resistance is defined as the relationship between the
AC voltage and the AC current to the battery measured with a
capacitively coupled 100 Hz AC source.
In the example the system resistance is:
RSys
= Rsupply rms + Ri AC bat
= 16 m
Ω + 16 mΩ = 32 mΩ
Permissible ripple current:
Irms bat = 0.05 • 95 Ah = 4.75 Arms
Calculated ripple current:
With 3 LT 1740 without capacitance on the back plane
Irms bat = Iload • factor y = 19 A • 0.198 = 3.76 Arms = 0.04 C
With 3 LT 1740 and 50 mF on the back plane
Irms bat = 19 A • 0.16 = 3.04 Arms = 0.032 C
With 3 LT 1740 and 90 mF on the back plane
Irms bat = 19 A • 0.13 = 2.47 Arms = 0.026 C
Fig. 11
Irms bat/Iload versus system resistance (Rsys). Up to 6 T units in
parallel, without additional output capacitors
Fig. 12
Irms bat/Iload versus system resistance (Rsys). 2 and 3 T units in
parallel, with additional output capacitors
2 units + 50 mF
2 units + 90 mF
3 units + 50 mF
3 units + 90 mF
0
300
0.6
0.2
0.4
1.0
100
10
Rsys [m ]
32
0.16
factor y
(Irms bat /Iload)
Number of LT units plus additional output capacitance
06038
All three examples give a value below the permissible ripple
current.
Additional capacitance on the back plane not only reduces the
AC ripple on the battery, but stabilizes the output voltage during
fast load changes.
Where the ripple current should be reduced even more, the
system resistance RSys could be increased with a special
choke set into the battery supply line. For further information
please contact the Company.
Rback plane 1
Rtot supply lines
16 m
Ω
–
Ri AC bat
LT 1
LT 2
LT 3
–
1.5 m
+
+
06039
1 The resistance on the back plane (Rback plane) is already
taken into account in the following two graphs.
Fig. 10
System set-up



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com