Electronic Components Datasheet Search
  English  ▼

X  

BPD1002 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. BPD1002 Datasheet HTML 10Page - Bel Fuse Inc. BPD1002 Datasheet HTML 11Page - Bel Fuse Inc. BPD1002 Datasheet HTML 12Page - Bel Fuse Inc. BPD1002 Datasheet HTML 13Page - Bel Fuse Inc. BPD1002 Datasheet HTML 14Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 10 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
Mechanical Data
Dimensions in mm. Tolerances ±0.3 mm unless otherwise indicated.
European
Projection
426.72
101.6
101.6
101.6
101.68
7.62
09108
35.56
142.24
142.24
Safety cover
Fig. 13
Back plane for 19" rack, weight: 1.7 kg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com