Electronic Components Datasheet Search
  English  ▼

X  

BPD1002 Datasheet(PDF) 14 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 14 Page - Bel Fuse Inc.

Back Button BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. BPD1002 Datasheet HTML 10Page - Bel Fuse Inc. BPD1002 Datasheet HTML 11Page - Bel Fuse Inc. BPD1002 Datasheet HTML 12Page - Bel Fuse Inc. BPD1002 Datasheet HTML 13Page - Bel Fuse Inc. BPD1002 Datasheet HTML 14Page - Bel Fuse Inc. BPD1002 Datasheet HTML 15Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 14 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
V
MI
500
Ω
1500
Ω
10 k
Ω 220 nF
22 nF
Fig. 16
Measuring instrument (MI) for earth leakage current tests
according to IEC/EN 60950, Annex D.
MI for
output
leakage
current
Vo+
Vo–
N
L
10077
N
L
MI for
earth
leakage
current
S1
S2
S3
Back Plane
S4
Fig. 14
Test set-up for leakage current tests on class I equipment in
single phase configuration.
Leakage Currents in AC-DC operation
Leakage currents flow due to internal leakage capacitance
and RFI suppression Y-capacitors. The current values are
proportional to the mains voltage and nearly proportional to
the mains frequency. They are specified at the maximum
operating input voltage, where phase, neutral and protective
earth are correctly connected as required for class I
equipment.
Under test conditions, the leakage current flows through a
measuring instrument (MI) as described in fig.: Measuring
instrument for earth leakage current tests, which takes into
account impedance and sensitivity of a person touching
unearthed accessible parts. The current value is calculated by
dividing the measured voltage by 500
Ω. If inputs and/or
outputs of back planes are connected in parallel, their indi-
vidual leakage currents are added.
MI for
output
leakage
current
Vo+
Vo–
L1
10078
MI for
earth
leakage
current
S2
S3
L2
L3
N
L1
L2
Back Plane
L3
N
S4
Fig. 15
Test set-up for leakage current tests on class I equipment in
phase to phase or 3-phase configuration of back planes fit-
ted with LT units.
S2/3 select either the earth or output leakage current meas-
urements, S4 selects the leakage current measurements of
either the positive or negative output.
Table 7: Leakage currents in single phase configuration (= worst case)
Characteristic
Back plane
Back plane with
Back plane with Back plane with
Unit
without T unit
1 T unit
2 T units
3T units
Earth
Permissible according to IEC/EN 60950
5% of the input current per phase 1
–
leakage
Specified value at 255 V, 50 Hz 2
2.6
4.4
6.2
7.9
mA
current
Specified value at 127 V, 60 Hz 2
1.6
2.6
3.7
4.7
Output
Permissible according to IEC/EN 60950
0.25
0.25
0.25
0.25
leakage
Specified value at 255 V, 50 Hz
–
<0.1
<0.1
<0.1
current
Specified value at 127 V, 60 Hz
–
<0.1
<0.1
<0.1
1
If the value exceeds 3.5 mA, equipment must be pluggable equipment type B or permanently connected, according to IEC/EN 60950.
2
In best case configuration (3-phase), earth leakage currents compensate to 0 mA.
S1 is used to simulate the interchanging of phase and neutral,
S2/3 select either the earth or output leakage current
measurements, S4 selects the leakage current measure-
ment of either the positive or negative output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com