Electronic Components Datasheet Search
  English  ▼

X  

BPD1002 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # BPD1002
Description  Backplanes BPD, BPF for T Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

BPD1002 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  BPD1002 Datasheet HTML 1Page - Bel Fuse Inc. BPD1002 Datasheet HTML 2Page - Bel Fuse Inc. BPD1002 Datasheet HTML 3Page - Bel Fuse Inc. BPD1002 Datasheet HTML 4Page - Bel Fuse Inc. BPD1002 Datasheet HTML 5Page - Bel Fuse Inc. BPD1002 Datasheet HTML 6Page - Bel Fuse Inc. BPD1002 Datasheet HTML 7Page - Bel Fuse Inc. BPD1002 Datasheet HTML 8Page - Bel Fuse Inc. BPD1002 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
BCD.00617 Rev AB,16-Nov-2015
Page 1 of 15
MELCHER
The Power Partners.
Accessories Data Sheet
Backplanes BPD, BPF for T Series
Features
• 19" / 3U Rack-Systems
• Easy configuration of telecom rectifiers,
battery chargers and power bus systems
• Provides controller function
• 1.6 kW maximum power
• Single or triple phase connection
• Redundant configuration possible
Description
The back plane types BPF1000 and BPD1000 have been
designed for fast and simple set-up of 19" rack mounted
power supply systems powered by AC-DC converters of the T
series. Battery charger systems, telecom rectifiers and
modular power bus systems can easily be configured with
n+1 redundancy if required. Three T Series converters can be
plugged into one back plane providing up to 1.6 kW output
power.
Since for such applications the status of the power bus is of
importance rather than the output status of a single AC-DC
converter, T units with option D should be chosen enabling re-
mote bus voltage sensing.
The back plane concept allows system assembly in next to no
time. When fitted in the rack all input and output terminals are
readily accessible from the rear. The AC input is designed for
single or 3-phase operation. The monitoring signals and the
control signal inputs and outputs are available from a screw
terminal strip. System specific signal combination is possible
with different jumper settings. The back plane fulfills in this
way the function of a controller unit.
The layout of the back plane and the hot plug-in capability of
the AC-DC converters allow system expansion under load
(e.g. from 550 W up to 1.6 kW) by simply inserting further
T units into the rack. Larger system power extension is just a
matter of interlinking the DC output rails and signal outputs of
two or more racks.
The back planes are available in 2 basic versions:
BPD1000: A front-end version, fitted with decoupling di-
odes in each positive line to the DC bus, for systems
with 2 or more T units in parallel or n+1 redundancy.
BPF1000: A battery charger version, in which each out-
put is fitted with a fuse in the positive line to the DC bus,
for battery charging or rectifier systems with two or
more T units in parallel or n+1 redundancy.
For minimum electromagnetic emission at the input, both the
BPD and the BPF versions are fitted with input filters. Should
project specific requirements demand enhanced hold-up
time or lower output ripple (low frequency ripple) than
specified for the individual AC-DC converters, both basic back
plane versions are available with additional output capacitors.
Important: The neccessity to provide a cover over the live
parts at the mains input (High Voltage) or over the DC bus bars
(Energy Danger), preventing accidental contact during instal-
lation, start-up of a system or maintenance, depends on the
final installation as well as on the applicable safety require-
ments. However, it is the responsibility of the installer or user
to provide such a safety cover to assure the compliance with
the relevant and applicable safety standards.
Table of Contents
Page
Page
Copyright © 2015, Bel Power Solutions Inc. All rights reserved.
Description ...................................................................... 1
Functional Description .................................................... 2
Model Selection ............................................................... 2
Mains Input Section ......................................................... 4
Output Section ................................................................. 5
Electromagnetic Compatibility (EMC) ............................. 7
System Integration .......................................................... 8
Mechanical Data ............................................................ 10
Safety and Installation Instructions ............................... 11


Similar Part No. - BPD1002

ManufacturerPart #DatasheetDescription
logo
Advanced Photonix, Inc.
BPD-8L ADVANCEDPHOTONIX-BPD-8L Datasheet
155Kb / 3P
BEAM POSITION DETECTOR
logo
BRIGHT LED ELECTRONICS ...
BPD-BQA334 BRIGHT-BPD-BQA334 Datasheet
63Kb / 1P
PHOTO DIIDE SPECIFICATION
BPD-BQAA34 BRIGHT-BPD-BQAA34 Datasheet
207Kb / 3P
END- LOOK PACKAGE PIN PHOTO DIODE
BPD-BQB331 BRIGHT-BPD-BQB331 Datasheet
120Kb / 3P
LED
BPD-BQB334 BRIGHT-BPD-BQB334 Datasheet
209Kb / 3P
END- LOOK PACKAGE PIN PHOTO DIODE
More results

Similar Description - BPD1002

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCE-5B06V-04A1E ADVANTECH-PCE-5B06V-04A1E Datasheet
678Kb / 1P
Mainstream Backplanes
logo
Johanson Technology Inc...
2400DP39A5425 JOHANSON-2400DP39A5425 Datasheet
79Kb / 2P
2450 / 5400 MHz Diplexer ( BPF / BPF)
logo
Murata Manufacturing Co...
LFB182G45SG9E181 MURATA-LFB182G45SG9E181 Datasheet
168Kb / 2P
LC Filters(BPF)
logo
Soshin electric Co., Lt...
HMD835K SOSHIN-HMD835K Datasheet
179Kb / 3P
5GHz BPF for Wireless LAN
HMD844H SOSHIN-HMD844H Datasheet
141Kb / 4P
2.4GHz BPF for Wireless LAN & Bluetooth
HMD845H SOSHIN-HMD845H Datasheet
207Kb / 4P
2.4GHz BPF for Wireless LAN & Bluetooth
MDR726G SOSHIN-MDR726G Datasheet
98Kb / 3P
1472MHz BPF for DAB
MDR762F SOSHIN-MDR762F Datasheet
140Kb / 4P
5375MHz BPF for Wireless LAN
MDR774M SOSHIN-MDR774M Datasheet
139Kb / 4P
2.4GHz BPF for Wireless LAN
MDR775M SOSHIN-MDR775M Datasheet
140Kb / 4P
2.4GHz BPF for Wireless LAN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com