Electronic Components Datasheet Search
  English  ▼

X  

QM55003 Datasheet(PDF) 8 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 8 Page - Qorvo, Inc

Back Button QM55003 Datasheet HTML 4Page - Qorvo, Inc QM55003 Datasheet HTML 5Page - Qorvo, Inc QM55003 Datasheet HTML 6Page - Qorvo, Inc QM55003 Datasheet HTML 7Page - Qorvo, Inc QM55003 Datasheet HTML 8Page - Qorvo, Inc QM55003 Datasheet HTML 9Page - Qorvo, Inc QM55003 Datasheet HTML 10Page - Qorvo, Inc QM55003 Datasheet HTML 11Page - Qorvo, Inc QM55003 Datasheet HTML 12Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
8 of 25
www.qorvo.com
PRELIMINARY
Electrical Specifications: NB-IoT : Band 5, 8, 12, 13, 14, 17, 18, 19, 20, 26, 28, 71,
85
(Temp = +25°C, Vbatt = 3.0V, VCC = 2.5V, VIO= +1.8
V, 50 Ω system, Modulation used: 1tone@position0, NB-IoT, QPSK, 15 KHz
subcarrier spacing, 1tone with MPR=0, unless otherwise specified)
Parameter
Conditions
Min.
Typ.
Max.
Units
Frequency Range
Band 12
699
707.5
716
MHz
Band 28, 17
703
725.5
748
Band 13
777
782
787
Band 14
788
793
798
Band 26, 18, 19
814
831.5
849
Band 20
832
847
862
Band 8
880
897.5
915
Band 5
824
836.5
849
Band 71
663
680.5
698
Band 85
698
707
716
Maximum Linear Output Power
HPM
24
-
-
dBm
Gain
Bands 5, 8, 18, 19, 20,
26
HPM, Pout = Prated
-
27.5
-
dB
Bands 12, 13, 14, 17,
28, 71, 85
26.5
GSM ACLR
Bands 5, 8, 20, 26,
18, 19
HPM, Prated
– 2dB (MPR), Vcc =
2.5V, Modulation = QPSK
12tone@positon0..11, 15 KHz SC
-
-40
-29
dBc
Bands 12, 13, 14, 17,
28, 71, 85
-
-44
UTRA ACLR
-
-60
-46
PA Total
Current
Band 8
HPM, Pout = Prated
-
445
-
mA
Bands 5, 18,19, 20,
26
-
408
-
Bands 12, 13, 14, 17,
28, 71, 85
-
389
-
PAE
Band 8
HPM, Pout ≦ Prated
-
23
-
%
Bands 5, 18,19, 20,
26
-
24.5
-
Band 12, 13, 14, 17,
28, 71, 85
-
26
-
EVM
HPM, Pout ≦ Prated
-
5
-
%
SEM
Pout ≦ Prated, +/- 100kHz
-
-35
-
dBm/30
kHz
Pout ≦ Prated, +/- 150kHz
-
-46
-
Pout ≦ Prated, +/- 300kHz
-
-49
-
Pout ≦ Prated, +/- 500 to 1700kHz
-
-54
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com