Electronic Components Datasheet Search
  English  ▼

X  

QM55003 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 5 Page - Qorvo, Inc

  QM55003 Datasheet HTML 1Page - Qorvo, Inc QM55003 Datasheet HTML 2Page - Qorvo, Inc QM55003 Datasheet HTML 3Page - Qorvo, Inc QM55003 Datasheet HTML 4Page - Qorvo, Inc QM55003 Datasheet HTML 5Page - Qorvo, Inc QM55003 Datasheet HTML 6Page - Qorvo, Inc QM55003 Datasheet HTML 7Page - Qorvo, Inc QM55003 Datasheet HTML 8Page - Qorvo, Inc QM55003 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
5 of 25
www.qorvo.com
PRELIMINARY
Electrical Specifications: NB-IoT: Band 1, 2, 3, 4, 25, 66, 70 - continued
(Temp = +25°C, Vbatt = 3.0V, VCC = 2.5V, VIO= +1.8
V, 50 Ω system, Modulation used: QPSK 1tone@position0, 15 KHz
subcarrier spacing, 1 tone with MPR=0, unless otherwise specified.)
Parameter
Conditions
Min.
Typ.
Max.
Units
Rx Band Noise
Band 1 Rx
RX frequency 2110
– 2170 MHz
-
-142
-
dBm/Hz
Band 2/25 Rx
RX frequency 1930
– 1995 MHz
-
-126
-
Band 3 Rx
RX frequency 1805
– 1880 MHz
-
-127
-
Band 4 Rx
RX frequency 2110
– 2155 MHz
-
-151
-
Band 66 Rx
RX frequency 2110
– 2200 MHz
-
-141
-
Band 70 Rx
RX frequency 1995
– 2020 MHz
-
-142
-
WiFi Band Noise
Pout = Prated, 2400
– 2495MHz,
-
-146
-
Pout = Prated, 5150
– 5850MHz,
-
-160
-
GPS band noise power
Pout = Prated, 1574
– 1577MHz,
-
-137
-
Input VSWR
No external matching
-
2.5:1
-
-
Gain Switching Time
Time required for output power to settle to
within ±1dB of the final output power for
any given mode transistion.
-
-
10
uSec
Stability, Spurious Output Levels
Load VSWR = 10:1, all phase angles, Pin
adjusted for Pout = 24dBm into 50
Ω load
-
-
-36
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com