Electronic Components Datasheet Search
  English  ▼

X  

QM55003 Datasheet(PDF) 16 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 16 Page - Qorvo, Inc

Back Button QM55003 Datasheet HTML 12Page - Qorvo, Inc QM55003 Datasheet HTML 13Page - Qorvo, Inc QM55003 Datasheet HTML 14Page - Qorvo, Inc QM55003 Datasheet HTML 15Page - Qorvo, Inc QM55003 Datasheet HTML 16Page - Qorvo, Inc QM55003 Datasheet HTML 17Page - Qorvo, Inc QM55003 Datasheet HTML 18Page - Qorvo, Inc QM55003 Datasheet HTML 19Page - Qorvo, Inc QM55003 Datasheet HTML 20Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
16 of 25
www.qorvo.com
PRELIMINARY
Table 1: RFFE MIPI Register Map (4 of 4)
Register 34 (0x22)
– GROUP_ID2
BIT(S)
FIELD NAME
DEFAULT
DESCRIPTION
R/W
B/G
TRIG.
7:4
GSID0_2[3:0]
0x00
Group slave ID 0
There is only 1 register for GSID0&GSID1, but this
register can be accessed from either Reg27 or Reg34.
This means that write to Reg34 will reflect in Reg27
also, and vice versa
R/W
No
No
3:0
GSID1_2[3:0]
0x00
Group slave ID 1
There is only 1 register for GSID0&GSID1, but this
register can be accessed from either Reg27 or Reg34.
This means that write to Reg34 will reflect in Reg27
also, and vice versa
Register 35 (0x23)
– RFFE_STATUS2
BIT(S)
FIELD NAME
DEFAULT
DESCRIPTION
R/W
B/G
TRIG.
7
SW_RESET_2[7]
0b0
0: Normal operation
1: Software reset (reset of all configurable registers to
default values, except for USID)
There is only 1 register for RFFE_STATUS, but this
register can be accessed from either Reg26 or Reg35.
This means that write to Reg35 will reflect in Reg27
also, and vice versa
R/W
No
No
6
Reserved[6]
0b0
Reserved
5
Reserved[5]
0b0
Reserved
4
Reserved[4]
0b0
Reserved
3
Reserved[3]
0b0
Reserved
2
Reserved[2]
0b0
Reserved
1
Reserved[1]
0b0
Reserved
0
Reserved[0]
0b0
Reserved
Register 36 (0x24)
– ERR_SUM (RFFE_STATUS3)
BIT(S)
FIELD NAME
DEFAULT
DESCRIPTION
R/W
B/G
TRIG.
7
Reserved[7]
0b0
Reserved
R/W
No
No
6
CMD_FRAME_P_ERR_2[6]
0b0
Command sequence received with parity
error
– discard command.
5
CMD_LEN_ERR_2[5]
0b0
Command length error
4
ADDR_FRAME_P_ERR_2[4]
0b0
Address frame parity error = 1
3
DATA_FRAME_P_ERR_2[3]
0b0
Data frame with parity error
2
READ_UNUSED_REG_2[2]
0b0
Read command to an invalid address
1
WRITE_UNUSED_REG_2[1]
0b0
Write command to an invalid address
0
BID_GID_ERR_2[0]
0b0
Read command with a Broadcast_ID or
GROUP_ID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com