Electronic Components Datasheet Search
  English  ▼

X  

QM55003 Datasheet(PDF) 24 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 24 Page - Qorvo, Inc

Back Button QM55003 Datasheet HTML 17Page - Qorvo, Inc QM55003 Datasheet HTML 18Page - Qorvo, Inc QM55003 Datasheet HTML 19Page - Qorvo, Inc QM55003 Datasheet HTML 20Page - Qorvo, Inc QM55003 Datasheet HTML 21Page - Qorvo, Inc QM55003 Datasheet HTML 22Page - Qorvo, Inc QM55003 Datasheet HTML 23Page - Qorvo, Inc QM55003 Datasheet HTML 24Page - Qorvo, Inc QM55003 Datasheet HTML 25Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
24 of 25
www.qorvo.com
PRELIMINARY
Handling Precautions
Parameter
Rating
Standard
Caution!
ESD sensitive device
ESD
– Human Body Model (HBM)
Class 1C
ESDA/JEDEC JS-001-2012
ESD
– Charged Device Model (CDM)
Class C3
JEDEC JESD22-C101F
MSL
– Moisture Sensitivity Level
MSL 3
IPC/JEDEC J-STD-020
Solderability
Compatible with both lead-free (260 °C max. reflow temperature) and tin/lead (245 °C max. reflow temperature) soldering processes.
Package lead plating: Electrolytic plated Au over Ni
RoHS Compliance
This part is compliant with the 2011/65/EU RoHS directive (Restrictions on the Use of Certain Hazardous Substances in Electrical and
Electronic Equipment), as amended by Directive 2015/863/EU.
This product also has the following attributes:
•
Halogen Free (Chlorine, Bromine)
•
Antimony Free
•
TBBP-A (C15H12Br402) Free
•
SVHC Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com