Electronic Components Datasheet Search
  English  ▼

X  

QM55003 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 4 Page - Qorvo, Inc

  QM55003 Datasheet HTML 1Page - Qorvo, Inc QM55003 Datasheet HTML 2Page - Qorvo, Inc QM55003 Datasheet HTML 3Page - Qorvo, Inc QM55003 Datasheet HTML 4Page - Qorvo, Inc QM55003 Datasheet HTML 5Page - Qorvo, Inc QM55003 Datasheet HTML 6Page - Qorvo, Inc QM55003 Datasheet HTML 7Page - Qorvo, Inc QM55003 Datasheet HTML 8Page - Qorvo, Inc QM55003 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
4 of 25
www.qorvo.com
PRELIMINARY
Electrical Specifications: NB-IoT : Band 1, 2, 3, 4, 25, 66, 70
(Temp = +25°C, Vbatt =3.0V, VCC = 2.5V, VIO= +1.8
V, 50 Ω system, Modulation used: QPSK 1tone@position0, 15 KHz
subcarrier spacing, 1 tone with MPR=0, unless otherwise specified.)
Parameter
Conditions
Min.
Typ.
Max.
Units
Frequency Range
Band 1
1920
1950
1980
MHz
Band 2, 25
1850
1882.5
1915
Band 3, 66
1710
1747.5
1785
Band 4
1710
1732.5
1755
Band 70
1695
1702.5
1710
Maximum Linear Output Power
HPM
24
-
-
dBm
Gain
Band 1
HPM, Pout = Prated
-
27
-
dB
Bands 2, 25
-
27
-
Bands 3, 4, 66,
70
-
28
-
GSM ACLR
Bands 3, 4, 66,
70
HPM, Prated
– 2dB (MPR), Vcc = 2.5V,
Modulation = QPSK
12tone@positon0..11, 15 KHz SC
-
-45
-29
dBc
Band 1
-
-42
Bands 2, 25
-
-44
UTRA ACLR
-
-64
-46
PA Total
Current
Bands 3, 4, 66,
70
HPM, Pout = Prated
-
347
-
mA
Band 1
-
386
-
Bands 2, 25
-
375
-
PAE
Bands 3, 4, 66,
70
HPM, Pout = Prated
-
29
-
%
Band 1
-
26
-
Bands 2, 25
-
27
-
EVM
HPM, Pout = Prated
-
5
-
%
SEM
Pout ≦ Prated, +/- 100kHz
-
-32
-
dBm/30
kHz
Pout ≦ Prated, +/- 150kHz
-
-45
-
Pout ≦ Prated, +/- 300kHz
-
-49
-
Pout ≦ Prated, +/- 500 to 1700kHz
-
-58
-
Harmonic
suppression,
2fo
Band 1
Pout ≦ Prated
-
-60
-
dBm
Bands 2, 25
-
-55
-
Bands 3, 4, 66
-
-41
-
Band 70
-
-42
-
Harmonic
suppression,
3fo
Band 1
Pout ≦ Prated
-
-51
-
Band 2, 25
-
-50
-
Band 3, 4, 66, 70
-
-56
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com