Electronic Components Datasheet Search
  English  ▼

X  

QM55003 Datasheet(PDF) 9 Page - Qorvo, Inc

Part # QM55003
Description  Mid-Band Low-Band NB-IoT TxM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QM55003 Datasheet(HTML) 9 Page - Qorvo, Inc

Back Button QM55003 Datasheet HTML 5Page - Qorvo, Inc QM55003 Datasheet HTML 6Page - Qorvo, Inc QM55003 Datasheet HTML 7Page - Qorvo, Inc QM55003 Datasheet HTML 8Page - Qorvo, Inc QM55003 Datasheet HTML 9Page - Qorvo, Inc QM55003 Datasheet HTML 10Page - Qorvo, Inc QM55003 Datasheet HTML 11Page - Qorvo, Inc QM55003 Datasheet HTML 12Page - Qorvo, Inc QM55003 Datasheet HTML 13Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
QM55003
Mid-Band Low-Band NB_IoT TxM
QM55003 Data Sheet REV C | Subject to change without notice
9 of 25
www.qorvo.com
PRELIMINARY
Electrical Specifications: NB-IoT : Band 5, 8, 12, 13, 14, 17, 18, 19, 20, 26, 28, 71,
85 - continued
(Temp = +25°C, Vbatt = 3.0V, VCC = 2.5V, VIO= +1.8V,
50 Ω system, Modulation used: 1tone@position0, NB-IoT, QPSK, 15 KHz
subcarrier spacing, 1tone with MPR=0, unless otherwise specified)
Parameter
Conditions
Min.
Typ.
Max.
Units
Harmonic
suppression, 2fo
Bands 12, 17, 71,
85
Pout ≦ Prated
-
-52
-
dBm
Band 8
-
-49
-
Bands 5, 14, 18,
19, 20, 26
-
-52
-
Band 28
-
-53
-
Band 13
-
-58
-
Harmonic
suppression, 3fo
Bands 12, 17, 71,
85
Pout ≦ Prated
-
-46
-
Band 8
-
-42
-
Bands 5, 14, 18,
19, 20, 26
-
-43
-
Band 28
-44
Band 13
-
-41
-
Rx Band Noise
Band 71 Rx
617 -652 MHz
-
-123
-
dBm/Hz
Band 85 Rx
728 -- 746 MHz
-
-125
-
Band 12 Rx
729
– 746 MHz
-
-125
-
Band 13 Rx
746
– 756 MHz
-
-131
-
Band 14 Rx
758
– 768 MHz
-
-131
-
Band 28 Rx
758
– 803 Mhz
-
-125
-
Band 26 Rx
859
– 894 MHz
-
-125
-
Band 20 Rx
791
– 821 MHz
-
-128
-
Band 8 Rx
925
– 960 MHz
-
-128
-
WiFi Band Noise
Pout = Prated, 2400
– 2495MHz
-
-156
-
Pout = Prated, 5150
– 5850MHz
-
-150
-
GPS band noise power
Pout = Prated, 1574
– 1577MHz
-
-166
-
Input VSWR
No external matching
-
2.5:1
-
-
Gain Switching Time
Time required for output power to settle
to within ±1dB of the final output power
for any given mode transistion.
-
-
10
uSec
Stability, Spurious Output Levels
Load VSWR = 10:1, all phase angles,
Pin adjusted for Pout = 24dBm into 50
Ω
load
-
-
-36
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com