Electronic Components Datasheet Search
  English  ▼

X  

FXLS90722 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # FXLS90722
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90722 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button FXLS90722 Datasheet HTML 49Page - NXP Semiconductors FXLS90722 Datasheet HTML 50Page - NXP Semiconductors FXLS90722 Datasheet HTML 51Page - NXP Semiconductors FXLS90722 Datasheet HTML 52Page - NXP Semiconductors FXLS90722 Datasheet HTML 53Page - NXP Semiconductors FXLS90722 Datasheet HTML 54Page - NXP Semiconductors FXLS90722 Datasheet HTML 55Page - NXP Semiconductors FXLS90722 Datasheet HTML 56Page - NXP Semiconductors FXLS90722 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
2. Write 0x40 to the WRITE_OTP_EN register to set the MARGIN_RD_EN bit. This
initiates the OTP margin read test which completes the sequence listed in steps a
through i.
a. The UF2 block is read. The ECC is checked for double bit errors and the CRC
is verified. If an ECC error or CRC error exists or if UF2 block is unlocked, the
MARGIN_RD_ERR bit is set and the test is terminated.
b. A margin read low test is run with the read threshold reduced by 25 %. The data
is checked against the expected values in the mirror registers. If a double bit ECC
error or data comparison mismatch occurs, the MARGIN_RD_ERR bit is set and
the test is terminated.
c. A margin read high test is run with the read threshold increased by 25 %. The data
is checked against the expected values in the mirror registers. If a double bit error
or data comparison mismatch occurs, the MARGIN_RD_ERR bit is set and the test
is terminated.
d. The UF0 block is read. The ECC is checked for double bit errors and the CRC
is verified. If an ECC error or CRC error exists or if UF0 block is unlocked, the
MARGIN_RD_ERR bit is set and the test is terminated.
e. A margin read low test is run with the read threshold reduced by 25 %. The data
is checked against the expected values in the mirror registers. If a double bit ECC
error or data comparison mismatch occurs, the MARGIN_RD_ERR bit is set and
the test is terminated.
f. A margin read high test is run with the read threshold increased by 25 %. The data
is checked against the expected values in the mirror registers. If a double bit error
or data comparison mismatch occurs, the MARGIN_RD_ERR bit is set and the test
is terminated.
g. The UF1 block is read. The ECC is checked for double bit errors and the CRC
is verified. If an ECC error or CRC error exists or if UF1 block is unlocked, the
MARGIN_RD_ERR bit is set and the test is terminated.
h. A margin read low test is run with the read threshold reduced by 25 %. The data
is checked against the expected values in the mirror registers. If a double bit ECC
error or data comparison mismatch occurs, the MARGIN_RD_ERR bit is set and
the test is terminated.
i. A margin read high test is run with the read threshold increased by 25 %. The data
is checked against the expected values in the mirror registers. If a double bit error
or data comparison mismatch occurs, the MARGIN_RD_ERR bit is set and the test
is terminated.
3. Read the MREAD_STAT register to confirm that the MARGIN_RD_ACT bit is set and
the MARGIN_RD_ERR bit is cleared.
4. Delay 1.5 ms minimum.
5. Read the MREAD_STAT register to confirm that the MARGIN_RD_ACT bit is cleared.
Check the state of the MARGIN_RD_ERR bit.
• If the MARGIN_RD_ERR bit is cleared, the margin read test passed.
• If the MARGIN_RD_ERR bit is set, the margin read test failed.
6. When the test is complete, the MARGIN_RD_EN bit is cleared.
7. When the test is complete and the MREAD_STAT register has been read, the
MARGIN_RD_ACT and the MARGIN_RD_ERR bit are cleared.
The user enabled OTP margin read test can only be enabled when the ENDINIT bit is not
set.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
53 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com