Electronic Components Datasheet Search
  English  ▼

X  

FXLS90722 Datasheet(PDF) 60 Page - NXP Semiconductors

Part # FXLS90722
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90722 Datasheet(HTML) 60 Page - NXP Semiconductors

Back Button FXLS90722 Datasheet HTML 56Page - NXP Semiconductors FXLS90722 Datasheet HTML 57Page - NXP Semiconductors FXLS90722 Datasheet HTML 58Page - NXP Semiconductors FXLS90722 Datasheet HTML 59Page - NXP Semiconductors FXLS90722 Datasheet HTML 60Page - NXP Semiconductors FXLS90722 Datasheet HTML 61Page - NXP Semiconductors FXLS90722 Datasheet HTML 62Page - NXP Semiconductors FXLS90722 Datasheet HTML 63Page - NXP Semiconductors FXLS90722 Datasheet HTML 64Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Notes:
• In PSI5 / SPI mode (COMMTYPE = 1), SPI transactions are ignored by the device until
PSI5 initialization 3 is complete. SPI Test Mode Entry is not restricted.
• In PSI5 / SPI mode (COMMTYPE = 1), only SPI read register transactions are
available.
• In DSI3 / SPI mode (COMMTYPE = 0) and PSI5 / SPI mode (COMMTYPE = 1),
registers accesses by protocol are completed in the order received. Care must be
taken to prevent from incorrect addressing of the F, UF0, and UF1 registers.
• In SPI only mode and in I2C only mode, the BUS_I undervoltage detection is disabled
to allow for 3.3 V system operation. the VBUF undervoltage detection replaces the
BUS_I undervoltage detection.
• If the COMMTYPE register is pre-programmed in OTP to a specific communication
type, the user must prevent writes to this register when writing the UF2 register to OTP.
If a pre-programmed COMMTYPE register is over-written and then written to OTP, the
UF2 CRC verification will fail.
11.2.12 Physical address register (PHYSADDR)
The physical address register is a user programmed OTP register which contains the
physical address of the slave for use in DSI3. This register is included in the read/write
array error detection. If the physical address stored in the OTP array is zero, the address
is assigned either during Discovery Mode or during Command and Response Mode.
If the physical address stored in the OTP array is non-zero, the device ignores Discovery
Mode and uses the programmed physical address for Command and Response Mode.
The physical address register value can be changed by a Command and Response
Mode register write command. However, if the UF2 region is locked, the value will always
be reset to the OTP array value after a reset.
In SPI mode, I2C mode and PSI5 mode, the PHYSADDR register is readable and
writable, but has no impact on device operation or performance.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$18
PHYS
ADDR
0
0
0
0
PADDR[3:0]
Unprogrammed
OTP Value
0
0
0
0
0
0
0
0
Table 88. Physical address register (PHYSADDR)
11.2.13 Source identification registers (SOURCEID_x)
The source identification registers are user programmed read/write registers which
contain the source identification information used for DSI3 PDCM, PSI5 mode, and SPI
Mode. These registers are included in the read/write array error detection.
These registers are readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$1A
SOURCEID_0
SID0_EN
PDCMFORMAT[2:0]
SOURCEID_0[3:0]
Table 89. Source identification registers (SOURCEID_x)
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
60 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com