Electronic Components Datasheet Search
  English  ▼

X  

FXLS90722 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # FXLS90722
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90722 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button FXLS90722 Datasheet HTML 52Page - NXP Semiconductors FXLS90722 Datasheet HTML 53Page - NXP Semiconductors FXLS90722 Datasheet HTML 54Page - NXP Semiconductors FXLS90722 Datasheet HTML 55Page - NXP Semiconductors FXLS90722 Datasheet HTML 56Page - NXP Semiconductors FXLS90722 Datasheet HTML 57Page - NXP Semiconductors FXLS90722 Datasheet HTML 58Page - NXP Semiconductors FXLS90722 Datasheet HTML 59Page - NXP Semiconductors FXLS90722 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
BUSSW_CTRL[1] BUSSW_CTRL[0] BUSSW_L Pin State
1
0
Active Low.
1
1
Active High.
Table 80. BUSSW_L pin state...continued
Note: In DSI3 and PSI5 DPM modes, the bus switch is activated upon receipt of the
register write command. The bus switch activation may impact the current on the bus and
cause corruption of the register write response.
11.2.9 PSI5 test register (PSI5_TEST)
The PSI5 test register is a user read/write register that contains the PSI5 test control.
This register is included in the user read/write array error detection.
This register is readable and writable in DSI3 mode, SPI mode, I2C mode or PSI5
Programming Mode.
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$13
PSI5_TEST
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
PSI5_TEST
Reset Value
0
0
0
0
0
0
0
0
Table 81. PSI5 test register (PSI5_TEST)
11.2.9.1 PSI5 test bit (PSI5_TEST)
If PSI5 mode is not enabled in the COMMTYPE, the PSI5 test bit enables a single PSI5
command receive and response transmission to allow for the PSI5 transceiver to be
tested in other modes.
When the PSI5_TEST bit is set, the device and system proceed through following
process.
1. The device switches the BUS_I transceiver to PSI5 mode.
2. The system holds the BUS_I node constant for 2 ms minimum to allow the BUS_I
command receiver to capture the average voltage.
3. The system must transmit a sync pulse meeting the specifications in Section 10.
4. The device transmits a response to the sync pulse with the following configuration:
a. The sync pulse is pulled down as configured by the SYNC_PD bit in the
PSI5_CFG register.
b. The response starts in the time slot selected in the PDCM_RSPST0 register.
c. The response bit time is configured in the CHIPTIME register.
d. The response current is configured by the PSI5_ILOW bit in the PSI5_CFG
register.
e. Two start bits are transmitted as specified in Section 13.3.2.
f. 10-bits of data equal to 0x2AA are transmitted.
g. Error checking bits are transmitted as configured by the P_CRC bit in the
PSI5_CFG register.
5. Once the transmission is complete, the PSI5_TEST bit is cleared and the device
returns to the communication mode as defined in the COMMTYPE register.
If the bit is set from DSI3 mode, this process occurs once the device has replied to the
write message, regardless of whether or not the reply attempted was successful.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
56 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com