| Electronic Components Datasheet Search |
|
FXLS90722 Datasheet(PDF) 64 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FXLS90722 Datasheet(HTML) 64 Page - NXP Semiconductors |
|
64 / 254 page ![]() NXP Semiconductors FXLS9xxxx Dual channel inertial sensor PDCM_PER[2] PDCM_PER[1] PDCM_PER[0] Periodic data collection mode period 1 1 0 1000 µs 1 1 1 2000 µs Table 96. Periodic data collection mode period (PDCM_PER[3:0])...continued In DSI3 mode, PDCM, and BDM commands are decoded and responded to regardless of the value of this register as long as the general PDCM timing parameters specified in Section 10.11 are met. See Section 11.5.1 for details regarding oscillator training. In PSI5 synchronous mode, sync pulses are decoded and responded to regardless of the value of this register as long as the general timing parameters specified in Section 10.12 are met. See Section 11.5.1 for details regarding oscillator training. In PSI5 asynchronous mode, oscillator training is not applicable. In PSI5 Programming Mode, oscillator training is not applicable. In PSI5 Daisy Chain command phase, oscillator training is not applicable. In SPI mode, sensor data requests are decoded and responded to regardless of the value of this register as long as the general timing parameters specified in Section 10.13 are met. See Section 11.5.1 for details regarding oscillator training. In I2C mode, sensor data register reads are decoded and responded to regardless of the value of this register as long as the general timing parameters specified in Section 10.14 are met. See Section 11.5.1 for details regarding oscillator training. 11.2.14.2 Oscillator training protocol selection bit (OSCTRAIN_SEL) The oscillator training selection bit selects the protocol to use for oscillator training for the COMMTYPE values that enable multiple protocols as shown in Table 97. COMMTYPE OSCTRAIN_SEL Protocol to use for oscillator training 0 DSI3 0 1 SPI 0 PSI5 1 1 SPI 2 x SPI 3 x DSI3 4 x SPI 5 x PSI5 6 x I2C 7 x I2C Table 97. Oscillator training protocol selection bit (OSCTRAIN_SEL) 11.2.14.3 Clock calibration value reset (CK_CAL_RST) The clock calibration reset bit controls the state of the oscillator training when the CK_CAL_EN bit is cleared as described in the table in Section 11.2.14.5. See Section 11.5.1 for details regarding oscillator training. FXLS9xxxx All information provided in this document is subject to legal disclaimers. © NXP B.V. 2021. All rights reserved. Product data sheet Rev. 6 — 8 February 2021 64 / 254 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |