Electronic Components Datasheet Search
  English  ▼

X  

FXLS90722 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # FXLS90722
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90722 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button FXLS90722 Datasheet HTML 76Page - NXP Semiconductors FXLS90722 Datasheet HTML 77Page - NXP Semiconductors FXLS90722 Datasheet HTML 78Page - NXP Semiconductors FXLS90722 Datasheet HTML 79Page - NXP Semiconductors FXLS90722 Datasheet HTML 80Page - NXP Semiconductors FXLS90722 Datasheet HTML 81Page - NXP Semiconductors FXLS90722 Datasheet HTML 82Page - NXP Semiconductors FXLS90722 Datasheet HTML 83Page - NXP Semiconductors FXLS90722 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$40
CH0_CFG_U1
LPF[3:0]
SAMPLERATE[1:0]
USER_SNS_SHIFT[1:0]
$48
CH1_CFG_U1
LPF[3:0]
SAMPLERATE[1:0]
USER_SNS_SHIFT[1:0]
Unprogrammed OTP Value
0
0
0
0
0
0
0
0
Table 137. Channel 0 and Channel 1 user configuration #1 registers (CH0_CFG_U1, CH1_CFG_U1)
11.2.23.1 Low-pass filter and sample rate selection bits (LPF[3:0], SAMPLERATE[1:0])
The low-pass filter selection bits and sample rate bits select the low-pass filter for the
associated channel. See Section 11.6.4.4 for details regarding the low-pass filter.
Low-pass filter type
SAMPLERATE = 00, 01
SAMPLERATE = 10
SAMPLERATE = 11
LPF[3]
LPF[2]
LPF[1]
LPF[0]
16 µs
32 µs
64 µs
0
0
0
0
400 Hz, 4-Pole
200 Hz, 4-Pole
100 Hz, 4-Pole
0
0
0
1
400 Hz, 3-Pole
200 Hz, 3-Pole
100 Hz, 3-Pole
0
0
1
0
400 Hz, 4-Pole
200 Hz, 4-Pole
100 Hz, 4-Pole
0
0
1
1
400 Hz, 3-Pole
200 Hz, 3-Pole
100 Hz, 3-Pole
0
1
0
0
325 Hz, 3-Pole
162.5 Hz, 3-Pole
81.25 Hz, 3-Pole
0
1
0
1
370 Hz, 2-Pole
185 Hz, 2-Pole
92.5 Hz, 2-Pole
0
1
1
0
180 Hz, 2-Pole
90 Hz, 2-Pole
45 Hz, 2-Pole
0
1
1
1
100 Hz, 2-Pole
50 Hz, 2-Pole
25 Hz, 2-Pole
1
0
0
0
1500 Hz, 4-Pole
750 Hz, 4-Pole
375 Hz, 4-Pole
1
0
0
1
500 Hz, 3-Pole
250 Hz, 3-Pole
125 Hz, 3-Pole
1
0
1
0
800 Hz, 4-Pole
400 Hz, 4-Pole
200 Hz, 4-Pole
1
0
1
1
1200 Hz, 4-Pole
600 Hz, 4-Pole
300 Hz, 4-Pole
1
1
0
0
120 Hz, 3-Pole
60 Hz, 3-Pole
30 Hz, 3-Pole
1
1
0
1
20 kHz, 2-Pole
10 kHz, 2-Pole
5 kHz, 2-Pole
1
1
1
0
120 Hz, 2-Pole
60 Hz, 2-Pole
30 Hz, 2-Pole
1
1
1
1
50 Hz, 4-Pole
25 Hz, 4-Pole
12.5 Hz, 4-Pole
Table 138. Low-pass filter and sample rate selection bits (LPF[3:0], SAMPLERATE[1:0])
Changes to these register bits reset the DSP data path. The contents of the SNSDATA_x
registers are not guaranteed until the DSP has completed initialization as specified in
Section 10.20. Reads of the SNSDATA_x registers and Sensor Data requests should be
prevented during this time.
11.2.23.2 User sensitivity shift selection bits (U_SNS_SHIFT[1:0])
The user sensitivity selection bits are used along with the user sensitivity multiplier bits to
scale the output sensitivity of the device. See Section 11.2.24.1 for details.
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
80 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com