Electronic Components Datasheet Search
  English  ▼

X  

FXLS90722 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # FXLS90722
Description  Dual channel inertial sensor
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90722 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button FXLS90722 Datasheet HTML 55Page - NXP Semiconductors FXLS90722 Datasheet HTML 56Page - NXP Semiconductors FXLS90722 Datasheet HTML 57Page - NXP Semiconductors FXLS90722 Datasheet HTML 58Page - NXP Semiconductors FXLS90722 Datasheet HTML 59Page - NXP Semiconductors FXLS90722 Datasheet HTML 60Page - NXP Semiconductors FXLS90722 Datasheet HTML 61Page - NXP Semiconductors FXLS90722 Datasheet HTML 62Page - NXP Semiconductors FXLS90722 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 254 page
background image
NXP Semiconductors
FXLS9xxxx
Dual channel inertial sensor
Location
Bit
Address
Register
7
6
5
4
3
2
1
0
$16
COMMTYPE
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
COMMTYPE[2:0]
Unprogrammed OTP
Value: FXLS90xxx
0
0
0
0
0
0
0
0
Programmed OTP
Value: FXLS93xxx
0
0
0
0
0
0
0
1
Table 85. Communication type register (COMMTYPE)
11.2.11.1 Communication type (COMMTYPE[2:0])
The communication type bits select the available protocols for the device as shown in
Table 86.
Available communication protocols
COMMTYPE
[2:0]
DSI3[1]
PSI5[2]
32-bit SPI[3]
I2C[4]
Arming function availability
BUS_I
undervoltage
detection
0
0
0
X
X
Enabled based on ARM_CFG[2:0]
Disabled
0
0
1
X
X
Enabled based on ARM_CFG[2:0]
Disabled
0
1
0
X
Enabled based on ARM_CFG[2:0]
Disabled
0
1
1
X
Disabled
Enabled
1
0
0
X
Enabled based on ARM_CFG[2:0]
Disabled
1
0
1
X
Disabled
Enabled
1
1
0
X
Disabled
Disabled
1
1
1
X
Disabled
Disabled
Table 86. Communication type (COMMTYPE[2:0])
[1]
See Section 12 "DSI3 protocol"
[2]
See Section 13 "PSI5 protocol"
[3]
See Section 14 "Standard 32-bit SPI protocol"
[4]
See Section 15 "Inter-integrated circuit (I2C) interface"
When writing to this register, care must be taken to prevent from inadvertently disabling
the desired communication mode. Communication mode register value changes which
disable a protocol, including writes to OTP, will not take effect until a device reset to
prevent from disabling a necessary communication method. Table 87 describes how
communication mode register changes are handled.
Original
COMMTYPE
New
COMMTYPE
Device effect
0 (DSI3 / SPI)
1 (PSI5 / SPI) A protocol change does not occur until a device reset (assuming the OTP is
programmed).
0 (DSI3 / SPI)
2, 3, 4, 5 (SPI,
DSI3 or PSI5)
A protocol change does not occur until a device reset (assuming the OTP is
programmed).
0 (DSI3 / SPI)
6, 7 (I2C)
A protocol change does not occur until a device reset (assuming the OTP is
programmed).
1 (PSI5 / SPI)
5 (PSI5)
A protocol change does not occur until a device reset (assuming the OTP is
programmed).
2, 3, 4, 5 (SPI)
Any
No protocol change occurs.
6, 7 (I2C)
Any
No protocol change occurs.
Table 87. COMMTYPEs and effect on device
FXLS9xxxx
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
59 / 254



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com