Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 106Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 107Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 108Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 109Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 110Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 111Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 112Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 113Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 134 page
background image
GENERAL RELEASE SPECIFICATION
February 24, 1999
MOTOROLA
INSTRUCTION SET
MC68HC05JB4
12-6
REV 2
third byte to the program counter if the specified bit tests true. The bit to be tested
and its condition (set or clear) is part of the opcode. The span of branching is from
–128 to +127 from the address of the next location after the branch instruction.
The CPU also transfers the tested bit to the carry/borrow bit of the condition code
register. Table 12-3 lists the jump and branch instructions.
Table 12-3. Jump and Branch Instructions
Instruction
Mnemonic
Branch if Carry Bit Clear
BCC
Branch if Carry Bit Set
BCS
Branch if Equal
BEQ
Branch if Half-Carry Bit Clear
BHCC
Branch if Half-Carry Bit Set
BHCS
Branch if Higher
BHI
Branch if Higher or Same
BHS
Branch if IRQ Pin High
BIH
Branch if IRQ Pin Low
BIL
Branch if Lower
BLO
Branch if Lower or Same
BLS
Branch if Interrupt Mask Clear
BMC
Branch if Minus
BMI
Branch if Interrupt Mask Set
BMS
Branch if Not Equal
BNE
Branch if Plus
BPL
Branch Always
BRA
Branch if Bit Clear
BRCLR
Branch Never
BRN
Branch if Bit Set
BRSET
Branch to Subroutine
BSR
Unconditional Jump
JMP
Jump to Subroutine
JSR
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com