Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 107Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 108Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 109Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 110Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 111Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 112Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 113Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 114Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
INSTRUCTION SET
MOTOROLA
REV 2
12-7
12.1.13 Bit Manipulation Instructions
The CPU can set or clear any writable bit in the first 256 bytes of memory. Port
registers, port data direction registers, timer registers, and on-chip RAM locations
are in the first 256 bytes of memory. The CPU can also test and branch based on
the state of any bit in any of the first 256 memory locations. Bit manipulation
instructions use direct addressing. Table 12-4 lists these instructions.
12.1.14 Control Instructions
These register reference instructions control CPU operation during program
execution. Control instructions, listed in Table 12-5, use inherent addressing.
Table 12-4. Bit Manipulation Instructions
Instruction
Mnemonic
Clear Bit
BCLR
Branch if Bit Clear
BRCLR
Branch if Bit Set
BRSET
Set Bit
BSET
Table 12-5. Control Instructions
Instruction
Mnemonic
Clear Carry Bit
CLC
Clear Interrupt Mask
CLI
No Operation
NOP
Reset Stack Pointer
RSP
Return from Interrupt
RTI
Return from Subroutine
RTS
Set Carry Bit
SEC
Set Interrupt Mask
SEI
Stop Oscillator and Enable IRQ Pin
STOP
Software Interrupt
SWI
Transfer Accumulator to Index Register
TAX
Transfer Index Register to Accumulator
TXA
Stop CPU Clock and Enable Interrupts
WAIT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com