Electronic Components Datasheet Search
  English  ▼

X  

68HC705JB4 Datasheet(PDF) 131 Page - Freescale Semiconductor, Inc

Part # 68HC705JB4
Description  68HC05JB4
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB4 Datasheet(HTML) 131 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB4 Datasheet HTML 126Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 127Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 128Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 129Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 130Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 131Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 132Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 133Page - Freescale Semiconductor, Inc 68HC705JB4 Datasheet HTML 134Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 131 / 134 page
background image
February 24, 1999
GENERAL RELEASE SPECIFICATION
MC68HC05JB4
MOTOROLA
REV 2
A-5
A.6
EPROM PROGRAMMING SPECIFICATIONS
A.7
DC ELECTRICAL CHARACTERISTICS
Table A-1. EPROM Programming Electrical Characteristics
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +40°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Programming Voltage
IRQ/VPP
VPP
—
13.5
—
V
Programming Current
IRQ/VPP
IPP
—
5
10
mA
Programming Time
per byte
tEPGM
—
1
—ms
Table A-2. DC Electrical Characteristics (705JB4)
(VDD = 4.2V to 5.5V, VSS = 0 Vdc, TA = 0°C to +40°C, unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Supply Current (see Notes)
Run (USB active)
Run (USB suspended)
Wait (USB active)
Wait (USB suspended)
Stop
LVR off at 25
°C (not include 15k to GND)
IDD
—
—
—
—
—
—
—
—
—
130
7.5
6.5
4.0
3.0
180
mA
mA
mA
mA
µA
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com