Electronic Components Datasheet Search
  English  ▼

X  

TGA2575 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # TGA2575
Description  Ka-Band 3 Watt Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2575 Datasheet(HTML) 1 Page - Qorvo, Inc

  TGA2575 Datasheet HTML 1Page - Qorvo, Inc TGA2575 Datasheet HTML 2Page - Qorvo, Inc TGA2575 Datasheet HTML 3Page - Qorvo, Inc TGA2575 Datasheet HTML 4Page - Qorvo, Inc TGA2575 Datasheet HTML 5Page - Qorvo, Inc TGA2575 Datasheet HTML 6Page - Qorvo, Inc TGA2575 Datasheet HTML 7Page - Qorvo, Inc TGA2575 Datasheet HTML 8Page - Qorvo, Inc TGA2575 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TGA2575
Ka-Band 3 Watt Power Amplifier
Data Sheet: Rev C
3/24/16
- 1 of 11 -
Disclaimer: Subject to change without notice
© 2016 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Applications
•
Military Radar
•
Communications
Product Features
Functional Block Diagram
•
Frequency Range: 32.0 – 38.0 GHz
•
Power: 35.5 dBm Psat
•
PAE: 22%
•
Gain: 19 dB
•
Return Loss: 12 dB
•
Bias: Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical
•
Dimensions: 5.4 x 4.1 x 0.05 mm
General Description
Bond Pad Configuration
TriQuint’s TGA2575 is a wideband power amplifier
fabricated on TriQuint’s production-released 0.15um
pwr-pHEMT process. Operating from 32 GHz to 38
GHz, it achieves 35.5 dBm saturated output power, 22%
PAE and 19 dB small signal gain over most of the band.
Fully matched to 50 ohms, ROHS compliant and with
integrated DC blocking caps on both I/O ports, the
TGA2575 is ideally suited to support both commercial
and defense related opportunities.
The TGA2575 is 100% DC and RF tested on-wafer to
ensure compliance to performance specifications.
Bond Pad #
Symbol
1
RF In
2, 6
Vg
3, 5
Vd
4
RF Out
Ordering Information
Part No.
ECCN
Description
TGA2575
3A001.b.2.e
Ka-band Power Amplifier
Vg
Vg
RF In
1
6
TGA2575
2
5
RF Out
4
Vd
Vd
3


Similar Part No. - TGA2575

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA2575 TRIQUINT-TGA2575 Datasheet
504Kb / 11P
Ka-Band 3 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS Datasheet
596Kb / 12P
Ka-Band 3 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
Ka-Band 3 Watt Power Amplifier
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
Ka-Band 3 Watt Power Amplifier
More results

Similar Description - TGA2575

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1055 TRIQUINT-TGA1055 Datasheet
482Kb / 3P
Ka Band 2 Watt Power Amplifier
TGA4901-EPU-CP TRIQUINT-TGA4901-EPU-CP Datasheet
245Kb / 10P
3 Watt Ka Band Packaged Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP Datasheet
113Kb / 9P
4 Watt Ka Band Packaged Amplifier
TGA4539-SM TRIQUINT-TGA4539-SM Datasheet
1Mb / 14P
Ka-Band 1 Watt Power Amplifier
TGA2575 TRIQUINT-TGA2575_15 Datasheet
504Kb / 11P
Ka-Band 3 Watt Power Amplifier
TGA2575-TS TRIQUINT-TGA2575-TS_15 Datasheet
596Kb / 12P
Ka-Band 3 Watt Power Amplifier
TGA4514 TRIQUINT-TGA4514_15 Datasheet
480Kb / 13P
2 Watt Ka-Band Power Amplifier
TGA4539-SM TRIQUINT-TGA4539-SM_15 Datasheet
901Kb / 14P
Ka Band 1 Watt Power Amplifier
TGA4905-CP TRIQUINT-TGA4905-CP_15 Datasheet
407Kb / 10P
4 Watt Ka Band Packaged Amplifier
TGA4906-SM TRIQUINT-TGA4906-SM_15 Datasheet
948Kb / 18P
4 Watt Ka-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com