Electronic Components Datasheet Search
  English  ▼

X  

TGA2575 Datasheet(PDF) 10 Page - Qorvo, Inc

Part # TGA2575
Description  Ka-Band 3 Watt Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2575 Datasheet(HTML) 10 Page - Qorvo, Inc

Back Button TGA2575 Datasheet HTML 3Page - Qorvo, Inc TGA2575 Datasheet HTML 4Page - Qorvo, Inc TGA2575 Datasheet HTML 5Page - Qorvo, Inc TGA2575 Datasheet HTML 6Page - Qorvo, Inc TGA2575 Datasheet HTML 7Page - Qorvo, Inc TGA2575 Datasheet HTML 8Page - Qorvo, Inc TGA2575 Datasheet HTML 9Page - Qorvo, Inc TGA2575 Datasheet HTML 10Page - Qorvo, Inc TGA2575 Datasheet HTML 11Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TGA2575
Ka-Band 3 Watt Power Amplifier
Data Sheet: Rev C
3/24/16
- 10 of 11 -
Disclaimer: Subject to change without notice
© 2016 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Product Compliance Information
ESD Information
ESD Rating:
TBD
Value:
TBD
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
Solderability
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
•
Lead Free
•
Halogen Free (Chlorine, Bromine)
•
Antimony Free
•
TBBP-A (C15H12Br402) Free
•
PFOS Free
•
SVHC Free
ECCN
US Department of Commerce 3A001.b.2.e
Assembly Notes
Component placement and adhesive attachment assembly notes:
•
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
•
Air bridges must be avoided during placement.
•
The force impact is critical during auto placement.
•
Organic attachment (i.e. epoxy) can be used in low-power applications.
•
Curing should be done in a convection oven; proper exhaust is a safety concern.
Reflow process assembly notes:
•
Use AuSn (80/20) solder and limit exposure to temperatures above 300°C to 3-4 minutes, maximum.
•
An alloy station or conveyor furnace with reducing atmosphere should be used.
•
Do not use any kind of flux.
•
Coefficient of thermal expansion matching is critical for long-term reliability.
•
Devices must be stored in a dry nitrogen atmosphere.
Interconnect process assembly notes:
•
Thermosonic ball bonding is the preferred interconnect technique.
•
Force, time, and ultrasonics are critical parameters.
•
Aluminum wire should not be used.
•
Devices with small pad sizes should be bonded with 0.0007-inch wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com