Electronic Components Datasheet Search
  English  ▼

X  

TGA2575 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # TGA2575
Description  Ka-Band 3 Watt Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2575 Datasheet(HTML) 4 Page - Qorvo, Inc

  TGA2575 Datasheet HTML 1Page - Qorvo, Inc TGA2575 Datasheet HTML 2Page - Qorvo, Inc TGA2575 Datasheet HTML 3Page - Qorvo, Inc TGA2575 Datasheet HTML 4Page - Qorvo, Inc TGA2575 Datasheet HTML 5Page - Qorvo, Inc TGA2575 Datasheet HTML 6Page - Qorvo, Inc TGA2575 Datasheet HTML 7Page - Qorvo, Inc TGA2575 Datasheet HTML 8Page - Qorvo, Inc TGA2575 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TGA2575
Ka-Band 3 Watt Power Amplifier
Data Sheet: Rev C
3/24/16
- 4 of 11 -
Disclaimer: Subject to change without notice
© 2016 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance
-25
-20
-15
-10
-5
0
5
10
15
20
25
2
4
6
8
10
12
14
16
18
20
22
25
30
35
40
45
Frequency (GHz)
S-Parameters vs. Freq.
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
Gain
IRL
ORL
-25
-20
-15
-10
-5
0
5
10
15
20
25
12
13
14
15
16
17
18
19
20
21
22
30
31
32
33
34
35
36
37
38
39
40
Frequency (GHz)
S-Parameters vs. Freq.
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
Gain
IRL
ORL
22
24
26
28
30
32
34
36
38
6
8
10
12
14
16
18
20
22
24
Input Power (dBm)
Output Power vs. Input Power vs. Freq.
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
30GHz
31GHz
32GHz
33GHz
34GHz
35GHz
36GHz
37GHz
38GHz
10
12
14
16
18
20
22
6
8
10
12
14
16
18
20
22
24
Input Power (dBm)
Power Gain vs. Input Power vs. Freq.
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
30GHz
31GHz
32GHz
33GHz
34GHz
35GHz
36GHz
37GHz
38GHz
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
9
11
13
15
17
19
21
23
25
Input Power (dBm)
Drain Current vs. Input Power vs. Freq.
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
30GHz
31GHz
32GHz
33GHz
34GHz
35GHz
36GHz
37GHz
38GHz
0
5
10
15
20
25
30
6
8
10
12
14
16
18
20
22
24
Input Power (dBm)
PAE vs. Input Power vs. Freq.
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
30GHz
31GHz
32GHz
33GHz
34GHz
35GHz
36GHz
37GHz
38GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com