Electronic Components Datasheet Search
  English  ▼

X  

TGA2575 Datasheet(PDF) 5 Page - Qorvo, Inc

Part # TGA2575
Description  Ka-Band 3 Watt Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

TGA2575 Datasheet(HTML) 5 Page - Qorvo, Inc

  TGA2575 Datasheet HTML 1Page - Qorvo, Inc TGA2575 Datasheet HTML 2Page - Qorvo, Inc TGA2575 Datasheet HTML 3Page - Qorvo, Inc TGA2575 Datasheet HTML 4Page - Qorvo, Inc TGA2575 Datasheet HTML 5Page - Qorvo, Inc TGA2575 Datasheet HTML 6Page - Qorvo, Inc TGA2575 Datasheet HTML 7Page - Qorvo, Inc TGA2575 Datasheet HTML 8Page - Qorvo, Inc TGA2575 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TGA2575
Ka-Band 3 Watt Power Amplifier
Data Sheet: Rev C
3/24/16
- 5 of 11 -
Disclaimer: Subject to change without notice
© 2016 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance (cont.)
28
29
30
31
32
33
34
35
36
37
38
30
32
34
36
38
Frequency (GHz)
Output Power vs. Freq. vs. Input Power
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
Pin=+23dBm
Pin=+22dBm
Pin=+21dBm
Pin=+20dBm
Pin=+19dBm
Pin=+18dBm
Pin=+17dBm
Pin=+16dBm
Pin=+15dBm
0
5
10
15
20
25
30
35
30
32
34
36
38
Frequency (GHz)
PAE vs. Freq. vs. Input Power
Vd = 6 V, Id = 2.1 A, Vg = -0.60 V Typical, +25°C
Pin=+23dBm
Pin=+22dBm
Pin=+21dBm
Pin=+20dBm
Pin=+19dBm
Pin=+18dBm
Pin=+17dBm
Pin=+16dBm
Pin=+15dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com