Electronic Components Datasheet Search
  English  ▼

X  

AT25DN011 Datasheet(PDF) 12 Page - Dialog Semiconductor

Part # AT25DN011
Description  1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DN011 Datasheet(HTML) 12 Page - Dialog Semiconductor

Back Button AT25DN011 Datasheet HTML 8Page - Dialog Semiconductor AT25DN011 Datasheet HTML 9Page - Dialog Semiconductor AT25DN011 Datasheet HTML 10Page - Dialog Semiconductor AT25DN011 Datasheet HTML 11Page - Dialog Semiconductor AT25DN011 Datasheet HTML 12Page - Dialog Semiconductor AT25DN011 Datasheet HTML 13Page - Dialog Semiconductor AT25DN011 Datasheet HTML 14Page - Dialog Semiconductor AT25DN011 Datasheet HTML 15Page - Dialog Semiconductor AT25DN011 Datasheet HTML 16Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
11
AT25DN011
DS-25DN011–038H–8/2021
that is sent to the device that goes beyond the end of the page will wrap around back to the beginning of the same page.
For example, if the starting address denoted by A23-A0 is 0000FEh, and three bytes of data are sent to the device, then
the first two bytes of data will be programmed at addresses 0000FEh and 0000FFh while the last byte of data will be
programmed at address 000000h. The remaining bytes in the page (addresses 000001h through 0000FDh) will not be
programmed and will remain in the erased state (FFh). In addition, if more than 256 bytes of data are sent to the device,
then only the last 256 bytes sent will be latched into the internal buffer.
When the CS pin is deasserted, the device will take the data stored in the internal buffer and program it into the
appropriate memory array locations based on the starting address specified by A23-A0 and the number of data bytes
sent to the device. If less than 256 bytes of data were sent to the device, then the remaining bytes within the page will not
be programmed and will remain in the erased state (FFh). The programming of the data bytes is internally self-timed and
should take place in a time of tPP or tBP if only programming a single byte.
The three address bytes and at least one complete byte of data must be clocked into the device before the CS pin is
deasserted, and the CS pin must be deasserted on byte boundaries (multiples of eight bits); otherwise, the device will
abort the operation and no data will be programmed into the memory array. In addition, if the memory is in the protected
state (see “Block Protection” on page 15), then the Byte/Page Program command will not be executed, and the device
will return to the idle state once the CS pin has been deasserted. The WEL bit in the Status Register will be reset back to
the logical “0” state if the program cycle aborts due to an incomplete address being sent, an incomplete byte of data
being sent, the CS pin not being deasserted on byte boundaries, or because the memory location to be programmed is
protected.
While the device is programming, the Status Register can be read and will indicate that the device is busy. For faster
throughput, it is recommended that the Status Register be polled rather than waiting the tBP or tPP time to determine if the
data bytes have finished programming. At some point before the program cycle completes, the WEL bit in the Status
Register will be reset back to the logical “0” state.
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
Figure 8-1. Byte Program
SCK
CS
SI
SO
MSB
MSB
23
1
0
00000010
67
5
410 11
9
812
39
37 38
33
36
35
34
31 32
29 30
OPCODE
HIGH-IMPEDANCE
AAAA
AAA
A
A
MSB
DDDDDDD
D
ADDRESS BITS A23-A0
DATA IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com