Electronic Components Datasheet Search
  English  ▼

X  

AT25DN011 Datasheet(PDF) 22 Page - Dialog Semiconductor

Part # AT25DN011
Description  1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DN011 Datasheet(HTML) 22 Page - Dialog Semiconductor

Back Button AT25DN011 Datasheet HTML 18Page - Dialog Semiconductor AT25DN011 Datasheet HTML 19Page - Dialog Semiconductor AT25DN011 Datasheet HTML 20Page - Dialog Semiconductor AT25DN011 Datasheet HTML 21Page - Dialog Semiconductor AT25DN011 Datasheet HTML 22Page - Dialog Semiconductor AT25DN011 Datasheet HTML 23Page - Dialog Semiconductor AT25DN011 Datasheet HTML 24Page - Dialog Semiconductor AT25DN011 Datasheet HTML 25Page - Dialog Semiconductor AT25DN011 Datasheet HTML 26Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
21
AT25DN011
DS-25DN011–038H–8/2021
Note:
1. Only bits 4 and 3 of Status Register Byte 2 will be modified when using the Write Status
Register Byte 2 command
2. R/W = Readable and Writeable
R = Readable only.
Figure 11-1. Read Status Register
11.2 Write Status Register
The Write Status Register command is used to modify the BPL bit and the BP0 bit of the Status Register. Before the
Write Status Register command can be issued, the Write Enable command must have been previously issued to set the
WEL bit in the Status Register to a logical “1”.
To issue the Write Status Register command, the CS pin must first be asserted and the opcode of 01h must be clocked
into the device followed by one byte of data. The one byte of data consists of the BPL bit value, four don’t care bits, the
BP0 bit value, and two additional don’t care bits (see Table 11-3). Any additional data bytes that are sent to the device
will be ignored. When the CS pin is deasserted, the BPL bit and the BP0 bit in the Status Register will be modified, and
the WEL bit in the Status Register will be reset back to a logical “0”. The value of BP0 and the state of the BPL bit and the
WP pin before the Write Status Register command was executed (the prior state of the BPL bit and the state of the WP
pin when the CS pin is deasserted) will determine whether or not software protection will be changed. Please refer to
Section 9.4, “Protected States and the Write Protect Pin” on page 15 for more details.
Table 11-2. Status Register Format – Byte 2
Bit(1)
Name
Type(2)
Description
7
RES
Reserved for future use
R
0
Reserved for future use
6
RES
Reserved for future use
R
0
Reserved for future use
5
RES
Reserved for future use
R
0
Reserved for future use
4
RSTE
Reset Enabled
R/W
0
Reset command is disabled (default)
1
Reset command is enabled
3
RES
Reserved for future use
R
0
Reserved for future use
2
RES
Reserved for future use
R
0
Reserved for future use
1
RES
Reserved for future use
R
0
Reserved for future use
0
RDY/BSY
Ready/Busy Status
R
0
Device is ready
1
Device is busy with an internal operation
SCK
CS
SI
SO
MSB
23
1
0
00000101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
23 24
OPCODE
MSB
MSB
DDDDDD
DD
D
D
MSB
DDDDDD
D
D
STATUS REGISTER BYTE1
STATUS REGISTER BYTE2
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com