Electronic Components Datasheet Search
  English  ▼

X  

AT25DN011 Datasheet(PDF) 17 Page - Dialog Semiconductor

Part # AT25DN011
Description  1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DN011 Datasheet(HTML) 17 Page - Dialog Semiconductor

Back Button AT25DN011 Datasheet HTML 13Page - Dialog Semiconductor AT25DN011 Datasheet HTML 14Page - Dialog Semiconductor AT25DN011 Datasheet HTML 15Page - Dialog Semiconductor AT25DN011 Datasheet HTML 16Page - Dialog Semiconductor AT25DN011 Datasheet HTML 17Page - Dialog Semiconductor AT25DN011 Datasheet HTML 18Page - Dialog Semiconductor AT25DN011 Datasheet HTML 19Page - Dialog Semiconductor AT25DN011 Datasheet HTML 20Page - Dialog Semiconductor AT25DN011 Datasheet HTML 21Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
16
AT25DN011
DS-25DN011–038H–8/2021
locked in the unprotected state. These states cannot be changed as long as hardware locking is active, so the Write
Status Register command will be ignored. In order to modify the protection status of the memory array, the WP pin must
first be deasserted, and the BPL bit in the Status Register must be reset back to the logical “0” state using the Write
Status Register command.
If the WP pin is permanently connected to GND, then once the BPL bit is set to a logical “1”, the only way to reset the bit
back to the logical “0” state is to power-cycle the device. This allows a system to power-up with all sectors software
protected but not hardware locked. Therefore, sectors can be unprotected and protected as needed and then hardware
locked at a later time by simply setting the BPL bit in the Status Register.
When the WP pin is deasserted, or if the WP pin is permanently connected to VCC, the BPL bit in the Status Register can
be set to a logical “1”, but doing so will not lock the BP0 bit.
Table 9-2 details the various protection and locking states of the device.
10.
Security Commands
10.1 Program OTP Security Register
The device contains a specialized OTP (One-Time Programmable) Security Register that can be used for purposes such
as unique device serialization, system-level Electronic Serial Number (ESN) storage, locked key storage, etc. The OTP
Security Register is independent of the main Flash memory array and is comprised of a total of 128 bytes of memory
divided into two portions. The first 64 bytes (byte locations 0 through 63) of the OTP Security Register are allocated as a
one-time user-programmable space. Once these 64 bytes have been programmed, they cannot be erased or
reprogrammed. The remaining 64 bytes of the OTP Security Register (byte locations 64 through 127) are factory
programmed by Adesto and will contain a unique value for each device. The factory programmed data is fixed and
cannot be changed.
Table 9-2.
Hardware and Software Locking
WP
BPL
Locking
BPL Change Allowed
BP0 and Protection Status
0
0
Can be modified from 0 to 1
BP0 bit unlocked and modifiable using the Write
Status Register command. Memory array can be
protected and unprotected freely.
0
1
Hardware
Locked
Locked
BP0 bit locked in current state. The Write Status
Register command will have no affect. Memory
array is locked in current protected or unprotected
state.
1
0
Can be modified from 0 to 1
BP0 bit unlocked and modifiable using the Write
Status Register command. Memory array can be
protected and unprotected freely.
1
1
Can be modified from 1 to 0
BP0 bit unlocked and modifiable using the Write
Status Register command. Memory array can be
protected and unprotected freely.
Table 10-1. OTP Security Register
Security Register
Byte Number
0
1
. . .
62
63
64
65
. . .
126
127
One-Time User Programmable
Factory Programmed by Adesto



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com