Electronic Components Datasheet Search
  English  ▼

X  

AT25DN011 Datasheet(PDF) 21 Page - Dialog Semiconductor

Part # AT25DN011
Description  1-Mbit, 2.3V Minimum SPI Serial Flash Memory with Dual-Read Support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

AT25DN011 Datasheet(HTML) 21 Page - Dialog Semiconductor

Back Button AT25DN011 Datasheet HTML 17Page - Dialog Semiconductor AT25DN011 Datasheet HTML 18Page - Dialog Semiconductor AT25DN011 Datasheet HTML 19Page - Dialog Semiconductor AT25DN011 Datasheet HTML 20Page - Dialog Semiconductor AT25DN011 Datasheet HTML 21Page - Dialog Semiconductor AT25DN011 Datasheet HTML 22Page - Dialog Semiconductor AT25DN011 Datasheet HTML 23Page - Dialog Semiconductor AT25DN011 Datasheet HTML 24Page - Dialog Semiconductor AT25DN011 Datasheet HTML 25Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
20
AT25DN011
DS-25DN011–038H–8/2021
state. The EPE bit will not be set if an erase or program operation aborts for any reason such as an attempt to erase or
program the memory when it is protected or if the WEL bit is not set prior to an erase or program operation. The EPE bit
will be updated after every erase and program operation.
11.1.3 WPP Bit
The WPP bit can be read to determine if the WP pin has been asserted or not.
11.1.4 BP0 Bit
The BP0 bits provides feedback on the software protection status for the device. In addition, the BP0 bit can also be
modified to change the state of the software protection to allow the entire memory array to be protected or unprotected.
When the BP0 bit is in the logical “0” state, then the entire memory array is unprotected. When the BP0 bit is in the logical
“1” state, then the entire memory array is protected against program and erase operations.
11.1.5 WEL Bit
The WEL bit indicates the current status of the internal Write Enable Latch. When the WEL bit is in the logical “0” state,
the device will not accept any Byte/Page Program, erase, Program OTP Security Register, or Write Status Register
commands. The WEL bit defaults to the logical “0” state after a device power-up or reset operation. In addition, the WEL
bit will be reset to the logical “0” state automatically under the following conditions:
Write Disable operation completes successfully
Write Status Register operation completes successfully or aborts
Program OTP Security Register operation completes successfully or aborts
Byte/Page Program operation completes successfully or aborts
Block Erase operation completes successfully or aborts
Chip Erase operation completes successfully or aborts
Hold condition aborts
If the WEL bit is in the logical “1” state, it will not be reset to a logical “0” if an operation aborts due to an incomplete or
unrecognized opcode being clocked into the device before the CS pin is deasserted. In order for the WEL bit to be reset
when an operation aborts prematurely, the entire opcode for a Byte/Page Program, erase, Program OTP Security
Register, or Write Status Register command must have been clocked into the device.
11.1.6 RDY/BSY Bit
The RDY/BSY bit is used to determine whether or not an internal operation, such as a program or erase, is in progress.
To poll the RDY/BSY bit to detect the completion of a program or erase cycle, new Status Register data must be
continually clocked out of the device until the state of the RDY/BSY bit changes from a logical “1” to a logical “0”.Note that
the RDY/BSY bit can be read either from Status Register Byte 1 or from Status Register Byte 2.
11.1.7 RSTE Bit
The RSTE bit is used to enable or disable the Reset command. When the RSTE bit is in the Logical 0 state (the default
state after power-up), the Reset command is disabled and any attempts to reset the device using the Reset command
will be ignored. When the RSTE bit is in the Logical 1 state, the Reset command is enabled.
The RSTE bit will retain its state as long as power is applied to the device. Once set to the Logical 1 state, the RSTE bit
will remain in that state until it is modified using the Write Status Register Byte 2 command or until the device has been
power cycled. The Reset command itself will not change the state of the RSTE bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com