Electronic Components Datasheet Search
  English  ▼

X  

IBX15 Datasheet(PDF) 3 Page - Bel Fuse Inc.

Part # IBX15
Description  Boost Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IBX15 Datasheet(HTML) 3 Page - Bel Fuse Inc.

  IBX15 Datasheet HTML 1Page - Bel Fuse Inc. IBX15 Datasheet HTML 2Page - Bel Fuse Inc. IBX15 Datasheet HTML 3Page - Bel Fuse Inc. IBX15 Datasheet HTML 4Page - Bel Fuse Inc. IBX15 Datasheet HTML 5Page - Bel Fuse Inc. IBX15 Datasheet HTML 6Page - Bel Fuse Inc. IBX15 Datasheet HTML 7Page - Bel Fuse Inc. IBX15 Datasheet HTML 8Page - Bel Fuse Inc. IBX15 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00197 Rev AG, 09-Mar-2021
Page 3 of 11
IBX15 Series
Boost Converters
© 2021 Bel Power Solutions & Protection
Electrical Input Data
General conditions:
- T
A = 25 °C, unless TC is specified.
Table 2: Input data
Model
24IBX15-50-0G
36IBX15-50-0G
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
i
Operating input voltage
16.8
160
25.2
160
V
V
i 2s
Temporary input voltage
2 s
12
168
21.3
168
V
i abs
Input voltage limits
2 s, without damage
176
176
∆V
i o
Voltage drop V
i – Vo
V
i > VoB
1
1
I
i
Typical input current
V
i min, I o nom
8
6
A
C
i
Input capacitance
for surge calculation
4
µF
t
start
Start-up time of V
o
V
i → Vi min or after shutdown
500
500
ms
P
i 0
No-load input power
V
i min – Vi max, Io = 0
1.0
1.5
1.0
1.5
W
P
i SD
Input power with shutdown
V
i min – Vi max, VPUL = 0
Input Protection and Fuse
No fuse is incorporated inside the converter. Consequently, an external fuse or a circuit breaker at system level should be installed
to protect against severe defects; see table 3.
Reverse polarity protection is provided by an antiparallel diode across the input, causing the external input fuse or circuit breaker
to trip.
Note: The fuses in table 4 apply to batteries with V
i nom = 24 or 36 V. In applications using batteries with higher voltage, fuses with lower current
may suit better.
Table 3: Recommended external fuses in the non-earthed input line
Converter model
Fuse type
24IBX15-50-0G
Littlefuse 218, 10 A / 250 VAC, fast
36IBX15-50-0G
Littlefuse 218, 8 A / 250 VAC, fast, or:
Schurter SPT 8 A, 300 VDC
Programmable Undervoltage Lockout PUL
The programmable input undervoltage lockout (PUL, pin 17) should be adjusted adequately in order to limit the input current.
Table 4 shows the values of the resistor R
PUL, connected between PUL and Vi – , versus the resultant minimum input voltage and
the resultant maximum input current.
Note: If PUL is connected to Vi–, the converter is disabled (shutdown).
Table 4: Typical values for R
PUL and the resultant turn-on input voltage Vi LO. Valid for version V105 (Rev. AE) or later.
24IBX15-50-0G
36IBX15-50-0G
R
PUL [kΩ]
V
i LO [V]
R
PUL [k Ω]
V
i LO [ V]
∞
15
∞
23
110
18
100
27
68
20
56
30
43
23
36
34
27
27
27
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com