Electronic Components Datasheet Search
  English  ▼

X  

IBX15 Datasheet(PDF) 8 Page - Bel Fuse Inc.

Part # IBX15
Description  Boost Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IBX15 Datasheet(HTML) 8 Page - Bel Fuse Inc.

Back Button IBX15 Datasheet HTML 3Page - Bel Fuse Inc. IBX15 Datasheet HTML 4Page - Bel Fuse Inc. IBX15 Datasheet HTML 5Page - Bel Fuse Inc. IBX15 Datasheet HTML 6Page - Bel Fuse Inc. IBX15 Datasheet HTML 7Page - Bel Fuse Inc. IBX15 Datasheet HTML 8Page - Bel Fuse Inc. IBX15 Datasheet HTML 9Page - Bel Fuse Inc. IBX15 Datasheet HTML 10Page - Bel Fuse Inc. IBX15 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00197 Rev AG, 09-Mar-2021
Page 8 of 11
IBX15 Series
Boost Converters
© 2021 Bel Power Solutions & Protection
Electromagnetic Emissions
The EMC requirements must be observed at the end product system level. However, the company tests the converters to EMC
standards. The integrated input filter reduces the reflected input current and improves EMC features. Further improvements are
possible by adding simple external filters; see fig. below.
The large input capacitor C1 (720 µF /200 V) provides stability during surge tests. The other components are:
C51 = C52 = 10 nF / 300 V, Y2
C2 = 4.7 nF / 300 V, Y2
C3 = 3 µF / 250 V, X7R
C4 = 5 µF / 250 V, X7R
L1 = 4.4 mH
+
C51
C4
C52
V
i
+
-
C3
C1
C2
case
IBX15
L1
Fig. 7
External filter for compliance with EN 50121-3-2
Fig. 8
Conducted emissions of 24IBX15-50-0G. V
i = 24 V, Vo = 50
V, 2 A; case connected to PE; with input filter fig. 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com