Electronic Components Datasheet Search
  English  ▼

X  

IBX15 Datasheet(PDF) 10 Page - Bel Fuse Inc.

Part # IBX15
Description  Boost Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IBX15 Datasheet(HTML) 10 Page - Bel Fuse Inc.

Back Button IBX15 Datasheet HTML 3Page - Bel Fuse Inc. IBX15 Datasheet HTML 4Page - Bel Fuse Inc. IBX15 Datasheet HTML 5Page - Bel Fuse Inc. IBX15 Datasheet HTML 6Page - Bel Fuse Inc. IBX15 Datasheet HTML 7Page - Bel Fuse Inc. IBX15 Datasheet HTML 8Page - Bel Fuse Inc. IBX15 Datasheet HTML 9Page - Bel Fuse Inc. IBX15 Datasheet HTML 10Page - Bel Fuse Inc. IBX15 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00197 Rev AG, 09-Mar-2021
Page 10 of 11
IBX15 Series
Boost Converters
© 2021 Bel Power Solutions & Protection
Mechanical Data
Dimensions are in mm (inches).
Tolerances ±0.3 mm (unless noted)
Recommended PCB hole diameter for the 1mm square pins: 1.4 mm
54.7 (2.15")
48.06 (1.89")
1
4 × M3
45.72 (1.8")
2
4
3
11
17
15
TC
16
13
12
0.8 (0.03")
for holes with
1.6 mm
50.8 (2")
JM104c
1
4
2
3
bottom view
45.72 (1.8")
12
11
17
12
13
15
16
0.8 (0.03")
for holes with
1.6 mm
TCZ
Fig. 9
Case Zinc,
weight approx. 80 g
Fig. 10
Open frame (option Z),
weight approx. 30 g
Safety and Installation Instruction
Pin Allocation
Table 12: Pin allocation (standard and option Z)
Pin
Name
Description
1
Vi+
Pos. input
2
Vi+
Pos. input
3
Gi-
Neg. input
4
Gi-
Neg. input
11
Chu
External hold-up capacitor
12
Vo+
Pos. output voltage
13
Go-
Neg. output (connected to pins 3 and 4)
14
-
No pin
15
D
Boost function okay
16
BA
Boost voltage adjust
17
PUL
Programmable undervoltage lockout / inhibit
European
Projection



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com