Electronic Components Datasheet Search
  English  ▼

X  

IBX15 Datasheet(PDF) 7 Page - Bel Fuse Inc.

Part # IBX15
Description  Boost Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IBX15 Datasheet(HTML) 7 Page - Bel Fuse Inc.

Back Button IBX15 Datasheet HTML 3Page - Bel Fuse Inc. IBX15 Datasheet HTML 4Page - Bel Fuse Inc. IBX15 Datasheet HTML 5Page - Bel Fuse Inc. IBX15 Datasheet HTML 6Page - Bel Fuse Inc. IBX15 Datasheet HTML 7Page - Bel Fuse Inc. IBX15 Datasheet HTML 8Page - Bel Fuse Inc. IBX15 Datasheet HTML 9Page - Bel Fuse Inc. IBX15 Datasheet HTML 10Page - Bel Fuse Inc. IBX15 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00197 Rev AG, 09-Mar-2021
Page 7 of 11
IBX15 Series
Boost Converters
© 2021 Bel Power Solutions & Protection
Electromagnetic Compatibility (EMC)
A suppressor diode together with the input choke form an effective protection against high input transient voltages which typically
occur in many installations, but especially in battery-driven mobile applications. The auxiliary converter has a separate input filter.
Electromagnetic Immunity
Table 8: Electromagnetic immunity (type tests)
Phenomenon
Basic
Standard
Level Coupling mode 1 Value
applied
Waveform
Source
imped.
Test procedure
In
oper.
Perf.
crit.2
Electrostatic
discharge (to case)
IEC/EN
61000-4-2 3
-
contact discharge ±6000 V
p
1/50 ns
330 Ω
150 pF
10 pos. & 10 neg.
discharges
yes
B
Electromagnetic
field
IEC/EN
61000-4-3
x 4
antenna
20 V/m
AM 80% / 1 kHz
N/A
80 – 1000 MHz
yes
A
5
antenna
20 V/m
AM 80% / 1 kHz
N/A
800 – 1000 MHz
yes
A
10 V/m
1400 – 2000 MHz
5 V/m
2000 – 2700 MHz
3 V/m
5100 – 6100 MHz
Electrical fast
transients / burst
IEC/EN
61000-4-4
3 6
direct coupling
+i/-i/c
±2000 V
p
burstsof 5/50ns;
5 kHz over 15 ms;
burst period: 300 ms
50 Ω
60 s positive
60 s negative
transients per
coupling mode
yes
A
Surges
IEC/EN
61000-4-5
3
+i/c, -i/c
±2000 V
p
1.2 / 50 µs
42 Ω
5 pos. & 5 neg.
surges per
coupling mode
yes
B
2
+i/-i
±1000 V
p
0.5 μF
yes
B
Conducted
disturbances
IEC/EN
61000-4-6
3 7
+i/-i/c
10 Vrms
AM 80% / 1 kHz
150 Ω 0.15 – 80 MHz
yes
A
1
i = input, o = output, c = case (not for option Z)
2
A = normal operation, no deviation from specification, B = temporary deviation from specs. possible.
3
Corresponds to EN 50121-3-2:2016 table 5.3 and exceeds EN 50121-4:2016 table 2.4.
4
Corresponds to EN 50121-3-2:2016 table 5.1 and exceeds EN 50121-4:2016 table 2.1.
5
Corresponds to EN 50121-3-2:2016 table 5.2 and EN 50121-4:2016 table 2.2.
6
Corresponds to EN 50121-3-2:2016 table 3.2 and EN 50121-4:2016 table 4.2.
7
Corresponds to EN 50121-3-2:2016 table 3.1 and EN 50121-4:2016 table 4.1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com