Electronic Components Datasheet Search
  English  ▼

X  

IBX15 Datasheet(PDF) 11 Page - Bel Fuse Inc.

Part # IBX15
Description  Boost Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IBX15 Datasheet(HTML) 11 Page - Bel Fuse Inc.

Back Button IBX15 Datasheet HTML 3Page - Bel Fuse Inc. IBX15 Datasheet HTML 4Page - Bel Fuse Inc. IBX15 Datasheet HTML 5Page - Bel Fuse Inc. IBX15 Datasheet HTML 6Page - Bel Fuse Inc. IBX15 Datasheet HTML 7Page - Bel Fuse Inc. IBX15 Datasheet HTML 8Page - Bel Fuse Inc. IBX15 Datasheet HTML 9Page - Bel Fuse Inc. IBX15 Datasheet HTML 10Page - Bel Fuse Inc. IBX15 Datasheet HTML 11Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00197 Rev AG, 09-Mar-2021
Page 11 of 11
IBX15 Series
Boost Converters
© 2021 Bel Power Solutions & Protection
Installation Instructions
Connection to the system shall be made via a printed circuit board with hole diameters of 1.5 mm for the pins.
The converter must be connected to a secondary circuit.
Do not open the converter!
Ensure that a converter failure (e.g. by an internal short-circuit) does not result in hazardous conditions.
Note: To prevent excessive current flowing through the input supply lines in case of a malfunction an external fuse should be installed in a
non-earthed input supply line; see table 3.
Standards, Approvals, Isolation
The converters have been approved according to the latest edition of IEC/EN 62368-1 and UL/CSA 60950-1. The CE mark is fitted.
All pins are tested against the case with 1500 VAC (2120 VDC) for ≥1 s as routine test in the factory according to EN 62911 and
IEC/EN 60950.
TheconvertersaresubjecttomanufacturingsurveillanceinaccordancewiththeabovementionedstandardsandwithISO9001:2015.
CB scheme is available.
Railway Applications
To comply with railway standards, all components are coated with a protective lacquer (except option Z).
Protection Degree and Cleaning Liquids
The protection degree of the converters is IP 40, except open-frame models (option Z).
In order to avoid possible damage, any penetration of cleaning fluids should be prevented, since the converters are not hermeti-
cally sealed.
However, open-frame models (option Z) leave the factory unlacquered; they may be lacquered by the customer, for instance
together with the mother board. Cleaning liquids are not permitted – except washing at room temperature with isopropyl alcohol
and de-inonized/destilled water (1 : 1).
The mother board can also be cleaned, before fitting the open-frame converter.
Note: Other cleaning liquids may damage the adhesive joints of the ferrite cores.
Options
Option Z: Open-frame model (no case).
NUCLEAR AND MEDICAL APPLICATIONS - These products are not designed or intended for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems.
TECHNICAL REVISIONS - The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com