Electronic Components Datasheet Search
  English  ▼

X  

IBX15 Datasheet(PDF) 5 Page - Bel Fuse Inc.

Part # IBX15
Description  Boost Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

IBX15 Datasheet(HTML) 5 Page - Bel Fuse Inc.

  IBX15 Datasheet HTML 1Page - Bel Fuse Inc. IBX15 Datasheet HTML 2Page - Bel Fuse Inc. IBX15 Datasheet HTML 3Page - Bel Fuse Inc. IBX15 Datasheet HTML 4Page - Bel Fuse Inc. IBX15 Datasheet HTML 5Page - Bel Fuse Inc. IBX15 Datasheet HTML 6Page - Bel Fuse Inc. IBX15 Datasheet HTML 7Page - Bel Fuse Inc. IBX15 Datasheet HTML 8Page - Bel Fuse Inc. IBX15 Datasheet HTML 9Page - Bel Fuse Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
tech.support@psbel.com
belfuse.com/power-solutions
BCD.00197 Rev AG, 09-Mar-2021
Page 5 of 11
IBX15 Series
Boost Converters
© 2021 Bel Power Solutions & Protection
Electrical Output Data
General conditions:
- T
A = 25 °C, unless TC is specified. Vi < VoB min, Io < Io nom
Table 5: Output data
Output
24IBX15-50-0G
36IBX15-50-0G
Unit
Characteristics
Conditions
min
typ
max
min
typ
max
V
oB r
Boost voltage regulated
V
i min, I o nom, R BA = ∞
49
50
51
49
50
51
V
V
oB tr
Boost voltage trim range
depending on R
BA
49
80
49
80
I
o nom
Nominal output current
V
i min – Vi max, VoB r
1.6
2.2
A
v
ow
Static line / load regulation
V
i min – VoB r, 0 – I o nom
±1
±2
±1
±2
V
v
od
Dynamic line / load regulation
±2
±2
t
d
Dynamic recovery time
2
2
ms
I
BC
Current to boost capacitor
V
o ≥ VoB r
3.9
4.3
4.8
3.9
4.3
4.8
mA
t
hu
Interruption time 1
C
hu = 1000 µF,
V
oB tr = 50 V, Vi =Vi min
-
-
ms
t
loadC
Load time for C
hu
1
-
-
s
t
hu
Interruption time 1
C
hu = 560 µF,
V
oB tr = 80 V, Vi =Vi min
10
11
10
11
ms
t
loadC
Load time for C
hu
1
12
15
18
12
15
18
s
1
For other values use the formula in section Interruption Time !
Parallel or Series Operation
Not possible.
Thermal Considerations
If a converter, mounted on a PCB, is located in free, quasi-stationary air (convection cooling) at the indicated maximum ambient
temperature T
A max (see table Temperature specifications) and is operated at its nominal operating conditions, the case temperature
measured at the measuring point of case temperature T
C (see Mechanical Data) will approach the indicated value TC max after the
warm-up phase. However, the relationship between T
A and TC depends heavily on the conditions of operation and integration into
a system. The thermal conditions are influenced by input voltage, output current, airflow, temperature of surrounding components
and surfaces, and the properties of the printed circuit board. T
A max is therefore only an indicative value.
Caution: The case temperature T
C measured at the measuring point of case temperature TC (see Mechanical Data) shall under no circumstances
exceed the specified maximum value. The installer must ensure that under all operating conditions T
C remains within the limits stated in the
table Temperature specifications.
Overtemperature Protection
The converters are protected from possible overheating by an internal temperature monitoring circuit. It shuts down the converter
above the internal temperature limit, and automatically restarts, after the temperature dropped.
1.0
0.8
0.6
0.4
0
0.2
20
40
60
80
100
°C
Io / Io nom
JM180
TA
Option Z
1.0
0.8
0.6
0.4
0
0.2
20
40
60
80
100
°C
Io / Io nom
JM181
TA
Option Z
Fig. 6a
24IBX15: I
o versus temperature
I
o nom = 1.6 A, Vi = 16.8 V, VoB tr = 50 V
Fig. 6b
36IBX15: I
o versus temperature
I
o nom = 2.2 A, Vi = 25.2 V, VoB tr = 50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com