Electronic Components Datasheet Search
  English  ▼

X  

MPC866P Datasheet(PDF) 42 Page - NXP Semiconductors

Part # MPC866P
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866P Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button MPC866P Datasheet HTML 38Page - NXP Semiconductors MPC866P Datasheet HTML 39Page - NXP Semiconductors MPC866P Datasheet HTML 40Page - NXP Semiconductors MPC866P Datasheet HTML 41Page - NXP Semiconductors MPC866P Datasheet HTML 42Page - NXP Semiconductors MPC866P Datasheet HTML 43Page - NXP Semiconductors MPC866P Datasheet HTML 44Page - NXP Semiconductors MPC866P Datasheet HTML 45Page - NXP Semiconductors MPC866P Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
42
Freescale Semiconductor
Bus Signal Timing
Table 12 shows the PCMCIA port timing for the MPC866/859.
Figure 30 shows the PCMCIA output port timing for the MPC866/859.
Figure 30. PCMCIA Output Port Timing
Figure 31 shows the PCMCIA output port timing for the MPC866/859.
Figure 31. PCMCIA Input Port Timing
Table 12. PCMCIA Port Timing
Num
Characteristic
33 MHz
40 MHz
50 MHz
66 MHz
Unit
Min
Max
Min
Max
Min
Max
Min
Max
P57
CLKOUT to OPx, valid (MAX = 0.00 x B1
+ 19.00)
—
19.00
—
19.00
—
19.00
—
19.00
ns
P58
HRESET negated to OPx drive 1(MIN =
0.75 x B1 + 3.00)
1
OP2 and OP3 only.
25.70
—
21.70
—
18.00
—
14.40
—
ns
P59
IP_Xx valid to CLKOUT rising edge (MIN
= 0.00 x B1 + 5.00)
5.00
—
5.00
—
5.00
—
5.00
—
ns
P60
CLKOUT rising edge to IP_Xx invalid
(MIN = 0.00 x B1 + 1.00)
1.00
—
1.00
—
1.00
—
1.00
—
ns
CLKOUT
HRESET
Output
Signals
OP2, OP3
P57
P58
CLKOUT
Input
Signals
P59
P60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com