Electronic Components Datasheet Search
  English  ▼

X  

MPC866P Datasheet(PDF) 71 Page - NXP Semiconductors

Part # MPC866P
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866P Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button MPC866P Datasheet HTML 67Page - NXP Semiconductors MPC866P Datasheet HTML 68Page - NXP Semiconductors MPC866P Datasheet HTML 69Page - NXP Semiconductors MPC866P Datasheet HTML 70Page - NXP Semiconductors MPC866P Datasheet HTML 71Page - NXP Semiconductors MPC866P Datasheet HTML 72Page - NXP Semiconductors MPC866P Datasheet HTML 73Page - NXP Semiconductors MPC866P Datasheet HTML 74Page - NXP Semiconductors MPC866P Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
71
CPM Electrical Characteristics
Table 28 shows the I2C (SCL < 100 kHz) timings.
Table 29 shows the I2C (SCL > 100 kHz) timings.
Table 28. I2C Timing (SCL < 100 kHz)
Num
Characteristic
All Frequencies
Unit
Min
Max
200
SCL clock frequency (slave)
0
100
kHz
200
SCL clock frequency (master) 1
1
SCL frequency is given by SCL = BRGCLK_frequency / ((BRG register + 3) * pre_scaler * 2).
The ratio SyncClk/(BRGCLK/pre_scaler) must be greater or equal to 4/1.
1.5
100
kHz
202
Bus free time between transmissions
4.7
—
μs
203
Low period of SCL
4.7
—
μs
204
High period of SCL
4.0
—
μs
205
Start condition setup time
4.7
—
μs
206
Start condition hold time
4.0
—
μs
207
Data hold time
0
—
μs
208
Data setup time
250
—
ns
209
SDL/SCL rise time
—
1
μs
210
SDL/SCL fall time
—
300
ns
211
Stop condition setup time
4.7
—
μs
Table 29. I2C Timing (SCL > 100 kHz)
Num
Characteristic
Expression
All Frequencies
Unit
Min
Max
200
SCL clock frequency (slave)
fSCL
0
BRGCLK/48
Hz
200
SCL clock frequency (master) 1
1
SCL frequency is given by SCL = BrgClk_frequency / ((BRG register + 3) * pre_scaler * 2).
The ratio SyncClk/(Brg_Clk/pre_scaler) must be greater or equal to 4/1.
fSCL
BRGCLK/16512
BRGCLK/48
Hz
202
Bus free time between transmissions
—
1/(2.2 * fSCL)
—
s
203
Low period of SCL
—
1/(2.2 * fSCL)
—
s
204
High period of SCL
—
1/(2.2 * fSCL)
—
s
205
Start condition setup time
—
1/(2.2 * fSCL)
—
s
206
Start condition hold time
—
1/(2.2 * fSCL)
—
s
207
Data hold time
—
0
—
s
208
Data setup time
—
1/(40 * fSCL)
—
s
209
SDL/SCL rise time
—
—
1/(10 * fSCL)
s
210
SDL/SCL fall time
—
—
1/(33 * fSCL)
s
211
Stop condition setup time
—
1/2(2.2 * fSCL)
—
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com