Electronic Components Datasheet Search
  English  ▼

X  

MPC866P Datasheet(PDF) 76 Page - NXP Semiconductors

Part # MPC866P
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866P Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button MPC866P Datasheet HTML 72Page - NXP Semiconductors MPC866P Datasheet HTML 73Page - NXP Semiconductors MPC866P Datasheet HTML 74Page - NXP Semiconductors MPC866P Datasheet HTML 75Page - NXP Semiconductors MPC866P Datasheet HTML 76Page - NXP Semiconductors MPC866P Datasheet HTML 77Page - NXP Semiconductors MPC866P Datasheet HTML 78Page - NXP Semiconductors MPC866P Datasheet HTML 79Page - NXP Semiconductors MPC866P Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
76
Freescale Semiconductor
FEC Electrical Characteristics
Figure 75 shows the MII transmit signal timing diagram.
Figure 75. MII Transmit Signal Timing Diagram
14.3 MII Async Inputs Signal Timing (MII_CRS, MII_COL)
Table 35 shows the timing for on the MII async inputs signal.
Figure 76 shows the MII asynchronous inputs signal timing diagram.
Figure 76. MII Async Inputs Timing Diagram
14.4 MII Serial Management Channel Timing (MII_MDIO, MII_MDC)
Table 36 shows the timing for the MII serial management channel signal. The FEC functions correctly with a
maximum MDC frequency in excess of 2.5 MHz. The exact upper bound is under investigation.
Table 35. MII Async Inputs Signal Timing
Num
Characteristic
Min
Max
Unit
M9
MII_CRS, MII_COL minimum pulse width
1.5
—
MII_TX_CLK period
Table 36. MII Serial Management Channel Timing
Num
Characteristic
Min
Max
Unit
M10
MII_MDC falling edge to MII_MDIO output invalid (minimum
propagation delay)
0—
ns
M11
MII_MDC falling edge to MII_MDIO output valid (maximum
propagation delay)
—25
ns
M12
MII_MDIO (input) to MII_MDC rising edge setup
10
—
ns
M6
MII_TX_CLK (input)
MII_TXD[3:0] (outputs)
MII_TX_EN
MII_TX_ER
M5
M7
M8
MII_CRS, MII_COL
M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com