Electronic Components Datasheet Search
  English  ▼

X  

MPC866P Datasheet(PDF) 68 Page - NXP Semiconductors

Part # MPC866P
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866P Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button MPC866P Datasheet HTML 64Page - NXP Semiconductors MPC866P Datasheet HTML 65Page - NXP Semiconductors MPC866P Datasheet HTML 66Page - NXP Semiconductors MPC866P Datasheet HTML 67Page - NXP Semiconductors MPC866P Datasheet HTML 68Page - NXP Semiconductors MPC866P Datasheet HTML 69Page - NXP Semiconductors MPC866P Datasheet HTML 70Page - NXP Semiconductors MPC866P Datasheet HTML 71Page - NXP Semiconductors MPC866P Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
68
Freescale Semiconductor
CPM Electrical Characteristics
Figure 68. SPI Master (CP = 1) Timing Diagram
12.11SPI Slave AC Electrical Specifications
Table 27 shows the SPI slave timings as shown in Figure 69 and Figure 70.
Table 27. SPI Slave Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
170
Slave cycle time
2
—
tcyc
171
Slave enable lead time
15
—
ns
172
Slave enable lag time
15
—
ns
173
Slave clock (SPICLK) high or low time
1
—
tcyc
174
Slave sequential transfer delay (does not require deselect)
1
—
tcyc
175
Slave data setup time (inputs)
20
—
ns
176
Slave data hold time (inputs)
20
—
ns
177
Slave access time
—
50
ns
SPIMOSI
(Output)
SPICLK
(CI=0)
(Output)
SPICLK
(CI=1)
(Output)
SPIMISO
(Input)
Data
166
167
161
161
160
msb
lsb
msb
msb
Data
lsb
msb
167
166
163
166
167
165
164
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com