Electronic Components Datasheet Search
  English  ▼

X  

MPC866P Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC866P
Description  Hardware Specifications
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC866P Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC866P Datasheet HTML 75Page - NXP Semiconductors MPC866P Datasheet HTML 76Page - NXP Semiconductors MPC866P Datasheet HTML 77Page - NXP Semiconductors MPC866P Datasheet HTML 78Page - NXP Semiconductors MPC866P Datasheet HTML 79Page - NXP Semiconductors MPC866P Datasheet HTML 80Page - NXP Semiconductors MPC866P Datasheet HTML 81Page - NXP Semiconductors MPC866P Datasheet HTML 82Page - NXP Semiconductors MPC866P Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
MPC866/MPC859 Hardware Specifications, Rev. 2
Freescale Semiconductor
79
Mechanical Data and Ordering Information
Plastic ball grid array
(VR suffix)
Lead free
0° to 95°C
50
MPC859DSLVR50A
66
MPC859DSLVR66A
100
MPC859PVR100A
MPC859TVR100A
MPC866PVR100A
MPC866TVR100A
133
MPC859PVR133A
MPC859TVR133A
MPC866PVR133A
MPC866TVR133A
Plastic ball grid array
(CVR suffix)
Lead free
–40° to 100°C
50
MPC859DSLCVR50A
66
MPC859DSLCVR66A
100
MPC859PCVR100A
MPC859TCVR100A
MPC866PCVR100A
MPC866TCVR100A
Table 38. MPC866/859 Package/Frequency Orderable (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com