Electronic Components Datasheet Search
  English  ▼

X  

TH7301 Datasheet(PDF) 3 Page - Melexis Microelectronic Systems

Part # TH7301
Description  Dual-Channel Programmable Low-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7301 Datasheet(HTML) 3 Page - Melexis Microelectronic Systems

  TH7301 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
TH7301 Dual-Channel Programmable Low-Pass Filter
Pinout
Information
The TH7301 is contained in a plastic 16 pin SOP package.
Figure 2: Pinout Schematic
Pin Definition List
Pin No.
Symbol
Function
1
VCCI
I channel positive supply
2
IIN
I channel signal input
3
IREF
I channel signal reference
4
VDD
Digital positive supply
5
VSS
Digital negative supply
6
QREF
Q channel signal reference
7
QIN
Q channel signal input
8
VCCQ
Q channel positive supply
9
QOUT
Q channel output
10
VEEQ
Q channel negative supply
11
RDAC
DAC reference current setting resistor connects between this pin and negative rail
12
SDEN
Serial data enable
13
SCLK
Serial data clock
14
SDATA
Serial data input
15
VEEI
I channel negative supply
16
IOUT
I channel output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com