Electronic Components Datasheet Search
  English  ▼

X  

TH7301 Datasheet(PDF) 1 Page - Melexis Microelectronic Systems

Part # TH7301
Description  Dual-Channel Programmable Low-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7301 Datasheet(HTML) 1 Page - Melexis Microelectronic Systems

  TH7301 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TH7301
Description
The device incorporates two matching 4th-order
Butterworth filters with voltage gain control to
perform low-pass filtering on quadrature demo-
dulated signals. The cutoff frequency and inband
gain are programmable via a standard 3-wire
interface. The cutoff frequency can be set between
0.8 MHz and 22.4 MHz and the inband voltage
gain can be set between -3 dB and 20 dB. The
cutoff frequency value is determined via a 10-bit
control word, with smaller step sizes in the lower
portion of the cutoff frequency range. The device
contains an on-chip oscillator to adjust the cutoff
frequency. Maintaining amplifiers configure the
Butterworth filter as the phase shift component of
the oscillator. The frequency of oscillation tracks
the filter cutoff frequency. The cutoff frequency of
the filter can be accurately set according to the
resolution of the IC by measuring the frequency of
oscillation.
Features
Y Wide cutoff frequency range (0.8 MHz to
22.4 MHz)
Y Dual-channel architecture produces superior
matching and ease of use for quadrature signals
Y Companding design provides higher resolution at
lower cutoff frequencies
Y Low power consumption (<105 mA, typical 55 mA
from -5 V supply; Fc = 1 MHz @ 25°C)
Y Single ended or differential input operation
possible (AC coupled)
Y No external components for trimming necessary
Y Small package (16-pin SOP)
Applications
Y Digital Broadcasting Systems (DBS) and
Digital Video Broadcasting (DVB)
Y Satellite and cable TV decoders
Y Microwave point to point links
Block Diagram
Figure 1: Block Diagram
4th Order
Butterworth
Filter
4th Order
Butterworth
Filter
Fixed Gain
Fixed Gain
Dual-Channel Programmable
Low-Pass Filter
Rev. 2.1
November 1999


Similar Part No. - TH7301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
Dual-Channel Programmable Low-Pass Filter
More results

Similar Description - TH7301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TH7301 ETC1-TH7301 Datasheet
279Kb / 14P
Dual-Channel Programmable Low-Pass Filter
S3529B ETC2-S3529B Datasheet
570Kb / 9P
Programmable High Pass Filter
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1044LP3E HITTITE-HMC1044LP3E Datasheet
1Mb / 16P
PROGRAMMABLE HARMONIC LOW PASS FILTER
logo
Mini-Circuits
DLFCV-1000 MINI-DLFCV-1000 Datasheet
668Kb / 4P
Dual Low Pass Filter
LPFD-3040 MINI-LPFD-3040 Datasheet
509Kb / 3P
Dual Low Pass Filter
LPFD-7080 MINI-LPFD-7080 Datasheet
513Kb / 3P
Dual Low Pass Filter
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Mini-Circuits
DLFCV-1750 MINI-DLFCV-1750 Datasheet
883Kb / 4P
Dual Low Pass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com