Electronic Components Datasheet Search
  English  ▼

X  

TH7301 Datasheet(PDF) 5 Page - Melexis Microelectronic Systems

Part # TH7301
Description  Dual-Channel Programmable Low-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7301 Datasheet(HTML) 5 Page - Melexis Microelectronic Systems

  TH7301 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
TH7301 Dual-Channel Programmable Low-Pass Filter
Definition of
Terms
f
cset
-
cutoff frequency setting
f
c
-
cutoff frequency (-3dB bandwidth)
f
step
-step size
A
v
-
voltage gain
Frequency
Setting
To maintain frequency resolution at low frequen-
cies a companding law is applied to the fre-
quency code. The frequency range is selected as
one of the five octaves in the total filter range
controlled by bits FC(2...0). Each octave is divided
linearly into 128 equally sized steps decoded by
bits FS(6...0). This frequency range is for an
external resistor value of 4.5 k
Ω between pin
RDAC and VEE. The range is designed to
guarantee 0.8 MHz to 22.4 MHz cutoff range,
taking process variations in top account without
the need to change this external resistor. If there
is a need to fine tune this frequency range for any
reason, it may be re-centered by selecting a
suitably valued external resistor.
The tables below show the selectable frequency
settings.
The 128 steps within each octave are decoded by
FS(6...0). The according control mechanism
applies identically to all octaves refering to the
appropriate step sizes of each octave, as shown
in the tables and the example below.
Example:
FC(2...0) = 000
(frequency range 0.8 ... 1.5937 MHz,
Step size = 6.25 kHz)
FS(6...0) = 0000011
f
cset = 0.81875 MHz
FC
(2..0)
Frequency range
fmin ... fmax (MHz)
Step size
fstep (kHz)
000
0.8 ... 1.5937
6.25
001
1.6 ... 3.1875
12.5
010
3.2 ... 6.375
25
011
6.4 ... 12.75
50
1xx
12.8 ... 25.5
100
Gain Setting
The gain control bits AC(5...0) are decoded to
select a voltage gain between -3 dB and 20.5 dB
in 0.5 dB steps. The gain control is divided into 8
steps controlled by AC(2...0) with additive step
sizes of 0.5 dB decoded by AC(5...3).
For example, to set the gain to 16 dB
AC(5...0) = 011001.
The table below shows the gain setting.
AC(2...0)
Gain (dB)
AC(5...3)
Gain (dB)
000
18
000
2.5
001
15
001
2.0
010
12
010
1.5
011
9
011
1.0
100
6
100
0.5
101
3
101
0.0
110
0
110
0.0
111
-3
111
0.0
FS
(6...0)
Step N
Cutoff Frequency
fcset = fmin + N*fstep
(MHz)
0000000
0
fcset = fmin
0000001
1
fcset = fmin + fstep
0000010
2
fcset = fmin + 2*fstep
0000011
3
fcset = fmin + 3*fstep
.
.
.
.
.
.
.
.
.
1111111
127
fcset = fmin + 127*fstep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com