Electronic Components Datasheet Search
  English  ▼

X  

TH7301 Datasheet(PDF) 8 Page - Melexis Microelectronic Systems

Part # TH7301
Description  Dual-Channel Programmable Low-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7301 Datasheet(HTML) 8 Page - Melexis Microelectronic Systems

Back Button TH7301 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 10Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 11Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 12Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
TH7301 Dual-Channel Programmable Low-Pass Filter
The application diagram below is an example
diagram and provided to assist the customer in
using the IC. The configuration can be changed
for other applications.
Application
Diagram
Figure 4: Application Diagram
1
2
14
3
4
13
12
5
6
7
8
9
16
I channel
Output
I channel
Input
Q channel
Output
3-wire
Serial
Interface
Q channel
Input
-5 Vdc
R
DAC
C1
C2
C3
C5
C6
C7
C4
-5 Vdc
15
10
TH7301
VCCI
QOUT
VEEQ
RDAC
SDEN
SCLK
SDATA
VEEI
IOUT
IIN
IREF
VDD
VSS
QREF
QIN
VCCQ
11
Component
Function
Value
Unit
C1, C2, C3, C4
AC coupling capacitors
100
nF
C5, C6, C7
AC coupling capacitors
22
nF
RDAC
DAC current setting resistor
4.5
k
Ω
Important notice
It is recommended to operate the device from a
single power supply for both analog and digital
sections of the device. Operation from separate
power supplies on VEE and VSS and absence of
the digital voltage may cause destruction of the
device.
The serial interface does not contain a power on
reset, thus all three registers must be programmed
after power on to prevent undefined logical states and
to achieve reliable filter operation. I. e. a first reset
word may reset all registers to 0.
Component List
for Application
Diagram
The AC coupling capacitors (C1-C4) will produce
a high pass pole with the 3k
Ω input resistance.
Their value should be chosen such that this pole
is below any frequencies of interest in the system.
The Rdac resistor is the current setting resistor for
the DAC. The recommended values are listed
below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com