Electronic Components Datasheet Search
  English  ▼

X  

TH7301 Datasheet(PDF) 4 Page - Melexis Microelectronic Systems

Part # TH7301
Description  Dual-Channel Programmable Low-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7301 Datasheet(HTML) 4 Page - Melexis Microelectronic Systems

  TH7301 Datasheet HTML 1Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 2Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 3Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 4Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 9Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
TH7301 Dual-Channel Programmable Low-Pass Filter
referenced to a - 5 V supply and that there is no
global reset for the logic devices, so a reset word
should be input after power up.
The timing diagram for the interface is shown
below.
Serial Interface
Programming
The serial interface is a 3-wire bus used to
program the filter cutoff frequency and voltage
gain. Pin SDATA is the serial data input for an 8-
bit shift register, SCLK is the shift register clock
(active positive edge), SDEN (active high) is the
serial interface enable. Note that logic levels are
Figure 3: Serial Interface Timing Diagram
Usage
Address Bits
Data Bits
D7
D6
D5
D4
D3
D2
D1
D0
Frequency Select A
0
0
FS2
FS1
FS0
FC2
FC1
FC0
Frequency Select B
0
1
OS0
0
FS6
FS5
FS4
FS3
Gain Control
1
1
AC5
AC4
AC3
AC2
AC1
AC0
Operating
conditions
for the 3 wire
interface
Parameter
Symbol
Min
Typ
Max
Unit
Comments
Power supply voltage
VSS
-5.25
-5.0
-4.75
V
relative to VDD
High level input voltage
VIH
0.3 * VSS
VDD + 0.1V
note
Low level input voltage
VIL
VSS - 0.1V
0.7 * VSS
note
Serial data clock period
tCLK
50
ns
Serial data setup time
tSD
10
ns
Serial data hold time
tHD
10
ns
Serial data enable delay time
tDEN
20
ns
Serial data enable hold time
tHEN
20
ns
Notes:
Logic threshold levels for inputs SCLK, SDATA and SDEN. Note that this is a negative supply IC.
The serial data is stored in one of 3 internal
registers - gain control, frequency select A and
frequency select B.
The first two bits of the serial data form an
address code for the registers. The gain control
bits AC(5...0) are decoded to select a voltage gain
between 0 dB and 20.5 dB in 0.5 dB steps. The
frequency select bits FC(2...0) select one of the
octave chords while FS(6...0) select the step
within each chord.
Additional bit OS0 (active high) controls the
oscillator (for test issues only). The table below
shows the address and data decoding of the serial
data input.
The serial interface does not contain a power on
reset, thus all three registers must be pro-
grammed after power on to prevent undefined
logical states and to achieve reliable filter opera-
tion. I. e. a first reset word may reset all registers
to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com