Electronic Components Datasheet Search
  English  ▼

X  

TH7301 Datasheet(PDF) 9 Page - Melexis Microelectronic Systems

Part # TH7301
Description  Dual-Channel Programmable Low-Pass Filter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

TH7301 Datasheet(HTML) 9 Page - Melexis Microelectronic Systems

Back Button TH7301 Datasheet HTML 5Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 6Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 7Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 8Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 9Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 10Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 11Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 12Page - Melexis Microelectronic Systems TH7301 Datasheet HTML 13Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
TH7301 Dual-Channel Programmable Low-Pass Filter
Figure 5: Measured cutoff frequency accuracy vs. settings (VEE = -5.00 V / T
a = 25°C)
Figure 6: Measured oscillator frequency deviation vs. settings (VEE = -5.00 V / T
a = 25°C)
Filter
Characteristics
The following diagrams illustrate some of the main functions and characteristics of the programmable
low-pass filter. They represent evaluation results on the existing silicon.
f
[MHz]
cset
f
[MHz]
cset
typ
max
min
typ
max
min
typ
max
min
Av = 10 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com